Electronic Components Datasheet Search
  English  ▼

X  

MDP200 Datasheet(PDF) 3 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 3 Page - Aceinna Inc.

  MDP200 Datasheet HTML 1Page - Aceinna Inc. MDP200 Datasheet HTML 2Page - Aceinna Inc. MDP200 Datasheet HTML 3Page - Aceinna Inc. MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
3/12
2.
Environment
Parameter
Value
Operating Temperature
-20
C to +80C
Storage Temperature
-40
C to +85C
Relative Humidity
To 95% (Non-Condensing)
Radiated Susceptibility
3V/m
ESD
4kV contact, 8kV Air
Free Drop
Flat concrete ;1m;10 times
Shock
100g; half-sine; 6ms;3 Axes, total 18
times of shock
Vibration (5-2000 Hz)
Random vibration test at 20-2000 Hz,
3Grms; 2 axis of X and Y; no power
Calibrated gases
Air/N2
Media Compatibility
N2, O2, Air
Barb Strength
4, lbf (3 orthogonal directions)
3.
Electrical
Parameter
Value
Input Voltage Range
3.0-3.6 Vdc (3.3V is recommended)
Supply Current
<8 mA
Interface
I2C
Resolution
16 Bits (Bi-direction)
Bus Clock Frequency
100KHz Typical, 400KHz Max
I2C Default Address
0x31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com