Electronic Components Datasheet Search
  English  ▼

X  

MDP200 Datasheet(PDF) 7 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 7 Page - Aceinna Inc.

Back Button MDP200 Datasheet HTML 3Page - Aceinna Inc. MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. MDP200 Datasheet HTML 10Page - Aceinna Inc. MDP200 Datasheet HTML 11Page - Aceinna Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
7/12
5.5
Trigger measurement operation
MDP200 works in slave mode. The default 7-bit address is 0x31 with a following
bit either write bit(0) or read bit(1).
To trigger a measurement, the master writes a command 0xC1 to slave (sensor),
then wait at least 7ms. The master can read out N bytes data from the register
address 0.
To read differential pressure data, the first byte transmitted must be 0x63 which
indicates that master will read from sensor whose slave address is 0x31.
Immediately with master generating pulses of N bytes, the master can read out
the N bytes data.
For example, the master triggers the measurement first; and then read out the
data in register 0. There are following three steps:
Step 1: Master write into sensor the trigger command 0xC1.
Slave address + write bit
Measurement trigger command
0x62
0xC1
Step 2: Wait at least 7ms.
Step 3: Master reads differential data
Slave address + read bit
N Bytes
0x63
Byte 0 – Byte N-1
Once the slave receives the address and reads bit (0x63) from master, slave
will return N bytes data as shown in the register table in Section 5.4.
With the pulses of N bytes generated by master, slave will return N bytes data.
Note:
1)
Slave returns a high byte first, then the low byte, and at last the CRC code
2)
Trigger measurement command is recommended to be sent after data reading is
completed.
3)
N is number of bytes which master reads from slave, as for how many bytes master read,
it is not constant and is from 1 to 18, if only differential pressure and CRC code are read,
N should be at least 3, if temperature sensor output are read, N should be at least 18.
5.6
Data Format
The output data from slave’s register 0 is 2 bytes signed integer data. If the data
is divided by 50, the result will be the differential pressure which is from -655 to
655 Pa.
The output data from slave’s register 8 is 2 bytes unsigned integer data, it is raw
count output of temperature sensor. It can be converted to the real temperature
(Unit: ℃) using the formula below:
Equation (1)
Tcount = Tcount_Hi × 256 + Tcount_Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com