Electronic Components Datasheet Search
  English  ▼

X  

MDP200 Datasheet(PDF) 6 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 6 Page - Aceinna Inc.

Back Button MDP200 Datasheet HTML 2Page - Aceinna Inc. MDP200 Datasheet HTML 3Page - Aceinna Inc. MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. MDP200 Datasheet HTML 10Page - Aceinna Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
6/12
5.3
Register Map
Every register includes two bytes. The register map is defined as the table below.
Register
Byte Number
Data Definition
Register 0
Byte 0
Differential Pressure High Byte
Byte 1
Differential Pressure Low Byte
Register 1
Byte 2
CRC for Register 0
Byte 3
NA
Register 2
Byte 4
NA
Byte 5
NA
Register 3
Byte 6
NA
Byte 7
NA
Register 4
Byte 8
NA
Byte 9
NA
Register 5
Byte 10
NA
Byte 11
NA
Register 6
Byte 12
NA
Byte 13
NA
Register 7
Byte 14
NA
Byte 15
NA
Register 8
Byte 16
Temperature Sensor Count High Byte(Tcount_Hi)
Byte 17
Temperature Sensor Count Low Byte(Tcount_Lo)
5.4
Command List For Sending To Slave
Table 2 Command List for Sending To Slave
No
Command Name
Data Frame Of Command
Byte
Number
1
Trigger Single
Measurement
0xC1
1
2
Set Slave Address
0xF6
1-byte
i2c_slave_address
1-byte
random
number
3
3
Set Window
Averaging Time
0xFA
1-byte average
time
1-byte
random
number
3
4
Reset MCU
0xFE
1
Note:
1)
Byte number in Table 2 is the number of data bytes slave received, for every command, byte
number must be correct, otherwise, command will not be implemented
2)
The range of I2C slave address is from 0 to 127. If the address has received the value beyond
the range, it will be set as default address 0x31
3)
The range of average time is from 1 to 64, if the time received beyond the range, it will set as
1 default average time 1
4)
Random number means varying data value works
Command Example
0xC1: MDP200 will measure once immediately
0xF6 0x04 0x00: I2C slave address will be changed to 0x04 immediately
0xFA 0x02 0x00: Window averaging time will be changed to 0x02 immediately
0xFE: MCU will reset immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com