Electronic Components Datasheet Search
  English  ▼

X  

MDP200 Datasheet(PDF) 1 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 1 Page - Aceinna Inc.

  MDP200 Datasheet HTML 1Page - Aceinna Inc. MDP200 Datasheet HTML 2Page - Aceinna Inc. MDP200 Datasheet HTML 3Page - Aceinna Inc. MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
1/12
•
Differential Pressure Sensor
MDP200 Series
Features
•
Pressure range up to ±500Pa with high accuracy of ±3.0% m.v.
•
Pressure based on thermal micro-flow measurement
•
Outstanding hysteresis and repeatability
•
Linearized and temperature compensated
•
Digital I2C with 16bit resolution
•
Cost effective
•
RoHS and REACH compliant
•
Minimum detectable pressure difference as low as
0.02 Pascal
Applications
•
Medical CPAP and ventilator
•
HAVC and building
•
Burner control
•
Filter monitoring
•
Process control and automation
General Description
ACEINNA
’s MDP200 series MEMS differential pressure sensors measure ultra-low gas
pressures covering the range of up to ±500Pa
(±2 inH2O). The technology is based on
ACEINNA’s highly successful proprietary CMOS thermal accelerometers already sold in
millions. ACEINNA’s thermal flow sensing element is monolithically integrated with CMOS
signal processing circuitry and embedded software capable of converting gas flow rates to a
digital format. The signal is linearized and temperature compensated. MDP200 series offers
incredible sensitivity detecting pressure down below 0.02 Pascal near zero differential
pressure. Other features include wide dynamic range, superb long-term stability, and
outstanding repeatability and hysteresis.


Similar Part No. - MDP200

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDP200 MSYSTEM-MDP200 Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP200T MSYSTEM-MDP200T Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDP200

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E8Y OMRON-E8Y Datasheet
798Kb / 9P
Differential Pressure Sensor
logo
Silicon Microstructures...
SM5391-BBE-S-001-000 SMI-SM5391-BBE-S-001-000 Datasheet
275Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM6391-BCE-S-005-001 SMI-SM6391-BCE-S-005-001 Datasheet
277Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-000 SMI-SM7391-BCE-S-002-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-001 SMI-SM7391-BCE-S-002-001 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-005-000 SMI-SM7391-BCE-S-005-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-010-000 SMI-SM7391-BCE-S-010-000 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-014-000 SMI-SM7391-BCE-S-014-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com