Electronic Components Datasheet Search
  English  ▼

X  

MDP200 Datasheet(PDF) 8 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 8 Page - Aceinna Inc.

Back Button MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. MDP200 Datasheet HTML 10Page - Aceinna Inc. MDP200 Datasheet HTML 11Page - Aceinna Inc. MDP200 Datasheet HTML 12Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
8/12
Equation (2)
Temperature = 0.2926 × Tcount - 124.7073
For example, while Tcount_Hi = 0x01, Tcount_Lo = 0xFF, Temperature ≈ 24.8ºC
Note:
‘0x’ mean the number is hexadecimal.
5.7
Reset Command
MDP200’s circuit can be reset to initial status by writing reset command 0xFE into
device.
Note:
The device will not work normally until 2 seconds after writing reset command. Do not write any
data into device within 2 seconds after writing reset command or there will be unpredictable error.
5.8
CRC-8 Redundant Data Transmission
MDP200 use cyclic redundancy checking (CRC) technique for error detection in
I2C transmission. The master appends an 8-bit checksum to the actual data
sequence. The checksum holds redundant information about the data sequence
and allows the receiver to detect transmission errors. The computed checksum
can be regarded as the remainder of a polynomial division, where the dividend is
the binary polynomial defined by the data sequence and the divisor is a “generator
polynomial”. The MDP200 implements the CRC-8 standard based on the
generator polynomial x8 + x5 + x4 +1.
The master’s program must use the 2 bytes differential pressure reading from
MDP200’s register 0 and polynomial x8 + x5 + x4 +1 to calculate out the one byte
result data. Then compare the result data calculated by master and the CRC code
from MDP200. If they are not equal, it indicates that there is error in I2C
communication. The master must discard the measurement data and trigger
measurement again, then read from MDP200’s register 0 until the result data and
the CRC code are equal. Appendix at the end of this document is C code for
reference.
Note:
CRC is only used for data transmitted from slave to master. For the details of the cyclic redundancy
check, please refer to the relevant literature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com