Electronic Components Datasheet Search
  English  ▼

X  

MDP200 Datasheet(PDF) 2 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 2 Page - Aceinna Inc.

  MDP200 Datasheet HTML 1Page - Aceinna Inc. MDP200 Datasheet HTML 2Page - Aceinna Inc. MDP200 Datasheet HTML 3Page - Aceinna Inc. MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
2/12
1.
Performance1)
Parameter
Condition
Min.
Typ.
Max.
Unit
Measurement Range
Air/N2
+/-500
Pa
Zero-point Accuracy2)
+/-0.08
Pa
Span Accuracy2)
+/-3.0%
m.v
Total Error (0ºC
50ºC)
±3.5%
m.v
Zero-point
Repeatability and
Hysteresis2)
+/-0.08
Pa
Resolution (Near
Zero)/Lowest
Detectable Pressure
0.02
Pa
Sampling Rate
8
ms
Span Repeatability and
Hysteresis3)
0.50%
m.v
Over Pressure
3
Bar
Span Shift due to
Temperature Variation
0.05
%m.v.perºC
Zero Point Variation
with Temperature
0-50ºC
0.08
Pa
Offset Stability
TBD
Non-Linearity(BFSL)
0-100 Pa
0.30%
FS
0-200 Pa
0.40%
FS
0-500 Pa
0.80%
FS
Orientation Sensitivity
port@90ºvs. 270º
0.02
Pa
port@90ºvs.180º
0.05
Pa
Gas Flow Through
Sensor3
500 Pa
100
ml/min
1)
All sensor specifications are valid with air as medium at 3
C temperatures with 1 standard
atmospheric pressure (101325Pa), 50% RH, and a 3.3V DC power supply, unless otherwise
specified. Customized versions are available, please contact factory for calibration under other
conditions of pressure ranges, temperatures, and gases
2)
Accuracy specifications apply over operating conditions. With 16-bit resolution, this accuracy
represents the total of non-linearity, hysteresis, zero and span shift, repeatability and
temperature effects.
3)
MDP200 operates based on thermal mass flow principle. Gas flow is required to measure the
pressure difference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com