Electronic Components Datasheet Search
  English  ▼

X  

MDP200 Datasheet(PDF) 5 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 5 Page - Aceinna Inc.

  MDP200 Datasheet HTML 1Page - Aceinna Inc. MDP200 Datasheet HTML 2Page - Aceinna Inc. MDP200 Datasheet HTML 3Page - Aceinna Inc. MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
5/12
5.1
External Interface
Each SCL and SDA line must be connected to VDD with about 4.7k Ohm pull-up
resistor as shown below. The MDP200 has a VDD input range of 3.0-3.6V, but
recommended VDD is 3.3V (calibration condition).
5.2
I2C Read and Write Timing
MDP200’s communication interface is Phillips I2C compatible as shown below. the
recommended frequency of SCL line is approximately100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com