Electronic Components Datasheet Search
  English  ▼

X  

VS2000 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
5. VS2000 FUNCTIONAL BLOCKS
5.2
Digital Section
Two of the regulators provide power supply for the digital section.
IOVDD is used for the level-shifters of the digital I/O and crystal oscillator. The IOVDD regulator output must be
connected to IOVDD1 and IOVDD2 input pins, because they are not connected internally. Proper bypass capacitors
should also be used. After reset the I/O voltage is 1.8 V, and firmware raises it to 3.3 V.
All other digital is powered from core voltage (CVDD). The core voltage is internally connected, and the CVDD
pin should have a proper bypass capacitors.
Clock
The crystal amplifier uses a crystal connected to XTALI and XTALO. An external logic-level input clock can also
be used. When VS2000 is used with USB, 12 MHz input clock must be used.
An internal phase-locked loop (PLL) generates the internal clock by multiplying the input clock by 1.0×, 1.5×,
. . . , 4.0×. In normal operating mode the clock is 4.0×12 MHz = 48 MHz. During USB suspend the PLL is off.
XRESET disables clock buffer and puts the digital section into powerdown mode.
VSDSP4
VSDSP4 is VLSI Solution’s proprietary digital signal processor with a 32-bit instruction word, two 16-bit data
buses, and both 16-bit and 32/40-bit arithmetic.
IROM, XROM, and YROM contain the firmware, including the default application. Most of the instruction RAM
and some of the X and Y data RAM’s can be used to customize and extend the functionality.
UART
An asynchronous serial port is used for debugging and special applications. The default speed is 115200 bps. RX
and TX pins can also be used for general-purpose I/O when the UART is not required.
SPI
A synchronous serial port peripheral is used for SPI EEPROM boot, and can be used to access other SPI peripherals
(for example LCD or SED) by using another chip select. The SPI is only used for boot if the XCS pin has a high
level after reset (pull-up resistor attached). These pins can also be used for general-purpose I/O when the SPI is
not required.
The firmware uses SPI pins SO and SCLK for ultrasound transmitter.
Version 0.3,
2007-09-05
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com