Electronic Components Datasheet Search
  English  ▼

X  

VS2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VS2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
VS2000 - Headtracking Multichannel
USB Audio Headphone IC / USB DAC
Hardware Features
• Low-power operation
• Single input voltage: Internal voltage regu-
lation for analog, digital, and I/O power
• Operates with a single 12 MHz clock
• Internal PLL clock multiplier
• USB Full Speed hardware
• I/O for user interface
• High-quality on-chip stereo DAC with no
phase error between channels
• Stereo earphone driver capable of driving a
30 Ω load
• Lead-free RoHS-compliant package (Green)
Firmware Features
• 5.1-channel USB Audio Device
• Human Interface Device (HID) Buttons
– Volume Decrement
– Volume Increment
– Pause
– Play
– Rewind
– Fast Forward
• Volume controls also work without HID-
aware host
• Four room effect levels selected with Effect
Level Button
• Tracking On / Tracking Off / Bypass modes
selected with Power Button
• Bass and treble controls through USB Au-
dio Feature Unit
• Advanced controls through separate software
• SPI EEPROM boot for special applications
• UART for debugging and special applica-
tions
Description
VS2000 is a single-chip multichannel headtrack-
ing USB Audio IC with audio output to head-
phones. VS2000 contains a high-performance low-
power DSP core VS DSP4, Full Speed USB port,
general purpose I/O pins, SPI, UART, as well as
a high-quality variable-sample-rate stereo DAC,
and an earphone amplifier, and a common voltage
buffer.
When connected to USB, VS2000 firmware con-
trols an ultrasound transmitter and reads ultrasound
receivers to track the movement of the listener’s
head. VS2000 then performs real-time spatial pro-
cessing to the 5.1 audio channels to position each
sound source correctly depending on the head move-
ment.
An application without headtracking and just with
5.1 audio is also possible.
SPI EEPROM can be used to load code to cus-
tomize the system.
Version 0.3,
2007-09-05
1


Similar Part No. - VS2000

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VS2005A BOTHHAND-VS2005A Datasheet
275Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VS2006A BOTHHAND-VS2006A Datasheet
272Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VS2008 BOTHHAND-VS2008 Datasheet
300Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VS2009 BOTHHAND-VS2009 Datasheet
275Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
More results

Similar Description - VS2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
USB Audio Controller
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
USB Audio DAC
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
USB AUDIO Controller
logo
Holtek Semiconductor In...
HT82A824R HOLTEK-HT82A824R Datasheet
1Mb / 121P
USB Audio MCU
April 14, 2011
logo
Texas Instruments
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
logo
Realtek Semiconductor C...
ALC5634 REALTEK-ALC5634 Datasheet
948Kb / 55P
I2S AUDIO DAC HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com