Electronic Components Datasheet Search
  English  ▼

X  

VS2000 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
6. FIRMWARE OPERATION
6.3
Default Firmware Features
When USB cable insertion is detected by the firmware, USB handling code is started. The internal clock is
configured to 4.0× 12 MHz = 48 MHz, the analog power is configured to 3.6 V, the core power to 2.5 V, the USB
peripheral is initialized, and the USB pull-up resistor is enabled.
In addition to the power button, upto 7 keys are connected to GPIO0[6..0] so that they connect a 100 kΩ pull-up to
the I/O when the button is pressed, and 1 MΩ pull-downs keep the lines low otherwise.
Some of the keys are used for different direct modes, the rest are available to PC through USB Human Interface
Device.
6.3.1
USB Audio Device
VS2000 appears as an USB Composite Device with USB Audio Device and USB Human Interface Device. The
USB Audio Device has 6 16-bit channels, and a feature unit that includes master volume, master mute, master
bass, and master treble controls. These controls can be changed using system tools (in Windows using the volume
control panel and advanced audio settings).
Headtracker transmit is only enabled when audio transmission is active.
6.3.2
USB Human Interface Device
The USB Human Interface Device (HID) transmits information about the state of the device buttons to the host
machine. With proper software HID can also be used for reading and writing VS2000 memory, for example
monitoring the headtracker state, and changing some advanced features.
Volume Decrement, Volume Increment
Volume can be turned up or down with 0.5 dB steps using the volume buttons. A short press changes the volume
by 0.5 dB, a long press will change the volume by approximately 8 dB every second. Using the volume buttons is
always possible, regardless of whether the host machine supports USB Human Interface Devices or not.
If the host machine supports USB Human Interface Devices, it can detect the press of volume buttons and set the
volume using the USB Audio Device controls.
Pause, Play, Rewind, Fast Forward
These buttons are Human Interface Device buttons only. Their operation depends on the host machine, and the
application that is active at the time.
Power Button
A press of the power button turns on the system. Insertion of the device to the USB port can also turn the unit on.
A long press (2 seconds) of the power button will turn off the device.
Short press of the power button switches the processing mode between Tracking On, Tracking Off, and Bypass.
Version 0.3,
2007-09-05
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com