Electronic Components Datasheet Search
  English  ▼

X  

VS2000 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
5. VS2000 FUNCTIONAL BLOCKS
USB
The USB peripheral handles USB 1.1 Full Speed harware protocol. Low speed communication is not supported,
but is correctly ignored. The USBP pin has a software-controllable 1.5kΩ pull-up.
A control endpoint (1 IN and 1 OUT) and upto 6 other endpoints (3 IN and 3 OUT) can be used simultaneously.
Bulk, interrupt, and isochronous transfer modes are selectable for each endpoint. USB receive from USB host to
device (OUT) uses a 2 KiB buffer, thus allowing very high transfer speeds. USB transmit from device to USB host
(IN) also uses a 2 KiB buffer and allows all IN endpoints to be ready to transmit simultaneously. Double-buffering
is also possible, but not usually required.
The firmware uses the USB peripheral to implement a 6-channel USB Audio Device and USB Human Interface
Device.
5.3
Analog Section
The third regulator provides power for the analog section.
The analog section consists of digital to analog converters and earphone driver. This includes a buffered common
voltage generator (CBUF, around 1.2 V) that can be used as a virtual ground for headphones.
The AVDD regulator output pin must be connected to AVDD1..AVDD3 pins with proper bypass capacitors, be-
cause they are not connected internally.
The USB pins use the internal AVDD voltage, and the firmware configures AVDD to 3.6 V when USB is attached.
Low AVDD voltage can be monitored by software. Currently the firmware does not take advantage of this feature.
CBUF contains a short-circuit protection. It disconnects the CBUF driver if pin is shorted to ground. In practise
this only happens with external power regulation, because there is a limit to how much power the internal regulators
can provide.
Version 0.3,
2007-09-05
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com