Electronic Components Datasheet Search
  English  ▼

X  

VS2000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
4. PACKAGES AND PIN DESCRIPTIONS
4.2
LQFP-48 Pin Descriptions
Pin Name
LQFP
Pin
Pin
Type
Function
XRESET
1
DI
Active low asynchronous reset, schmitt-trigger input
GPIO0 0
2
DIO
General-purpose IO Port 0, bit 0
GPIO0 1
3
DIO
General-purpose IO Port 0, bit 1
GPIO0 2
4
DIO
General-purpose IO Port 0, bit 2
GPIO0 3
5
DIO
General-purpose IO Port 0, bit 3
DGND0
6
DGND
Core & I/O ground
IOVDD1
7
IOPWR
I/O power supply
TEST
8
DI
Test mode input (active high), connect to DGND
GPIO0 4
9
DIO
General-purpose IO Port 0, bit 4
GPIO0 5
10
DIO
General-purpose IO Port 0, bit 5
GPIO0 6
11
DIO
General-purpose IO Port 0, bit 6
GPIO0 7
12
DIO
General-purpose IO Port 0, bit 7
GPIO0 8
13
DIO
General-purpose IO Port 0, bit 8
GPIO0 9
14
DIO
General-purpose IO Port 0, bit 9
GPIO0 10
15
DIO
General-purpose IO Port 0, bit 10
GPIO0 12
16
DIO
General-purpose IO Port 0, bit 12
GPIO0 13
17
DIO
General-purpose IO Port 0, bit 13
DGND1
18
DGND
Core & I/O ground
IOVDD2
19
IOPWR
I/O power supply
GPIO0 11
20
DIO
General-purpose IO Port 0, bit 11
GPIO0 14
21
DIO
General-purpose IO Port 0, bit 14
XCS / GPIO1 0
22
DIO
SPI XCS / General-Purpose I/O Port 1, bit 0
SCLK / GPIO1 1
23
DIO
SPI CLK / General-Purpose I/O Port 1, bit 1
SI / GPIO1 2
24
DIO
SPI MISO / General-Purpose I/O Port 1, bit 2
SO / GPIO1 3
25
DIO
SPI MOSI / General-Purpose I/O Port 1, bit 3
TX / GPIO1 4
26
DIO
UART TX / General-Purpose I/O Port 1, bit 4
RX / GPIO1 5
27
DIO
UART RX / General-Purpose I/O Port 1, bit 5
XTALI
28
AI
Crystal input
XTALO
29
AO
Crystal output
IOVDD
30
IOPWR
I/O power supply, Regulator output
DGND2
31
DGND
Core & I/O ground
CVDD
32
CPWR
Core power supply, Regulator output
VHIGH
33
PWR
Power supply, Regulator input
AVDD
34
APWR
Analog power supply, Regulator output
USBP
35
AIO
USB differential + in / out, controllable 1.5kΩ pull-up
USBN
36
AIO
USB differential - in / out
PWRBTN
37
AIO
Power button for Regulator startup (and Power Key)
AGND0
38
APWR
Analog ground
AVDD1
39
APWR
Analog power supply
RIGHT
40
AO
Right channel output
AGND1
41
APWR
Analog ground
AGND2
42
APWR
Analog ground
CBUF
43
AO
Common voltage buffer for headphones
AVDD2
44
APWR
Analog power supply
RCAP
45
AIO
Filtering capacitance for reference
AVDD3
46
APWR
Analog power supply
LEFT
47
AO
Left channel output
AGND3
48
APWR
Analog ground
Version 0.3,
2007-09-05
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com