Electronic Components Datasheet Search
  English  ▼

X  

VS2000 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
6. FIRMWARE OPERATION
6.1
SPI Boot
The first boot method is SPI EEPROM. If GPIO1[0] is low after reset, SPI boot is skipped. If GPIO1[0] is high, it
is assumed to have a pull-up resistor and SPI boot is tried.
First the first four bytes of the SPI EEPROM are read using 16-bit address. If the bytes are “VLSI”, a 16-bit
EEPROM is assumed and the boot continues. If the last 3 bytes are read as “VLS”, a 24-bit EEPROM is assumed
and boot continues in 24-bit mode. Both 16-bit and 24-bit EEPROM should have the “VLSI” string starting at
address 0, and the rest of the boot data starting at address 4. If the identification is not found, SPI EEPROM boot
is skipped.
Boot records are read from EEPROM until an execute record is reached. Unknown records are skipped using the
data length field.
Byte
Description
0
type 0=I-mem 1=X-mem 2=Y-mem 3=execute
1,2
data len lo, hi – data length in bytes
3, 4
address lo, hi – record address
5..
data*
6.2
UART Boot/Monitor
When byte 0xef is sent to RX at 115200 bps, the firmware enters monitor mode and communicates with vs3emu.
Memory contents can be displayed, executables can be loaded and run, or the firmware code can be restarted or
continued.
The UART is also a convenient way to program or reprogram the SPI EEPROM.
Version 0.3,
2007-09-05
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com