Electronic Components Datasheet Search
  English  ▼

X  

VS2000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
3. CHARACTERISTICS & SPECIFICATIONS
3.6
Digital Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
0.7×IOVDD
IOVDD+0.31
V
Low-Level Input Voltage
-0.2
0.3×IOVDD
V
High-Level Output Voltage at IO = -2.0 mA
0.7×IOVDD
V
Low-Level Output Voltage at IO = 2.0 mA
0.3×IOVDD
V
Input Leakage Current
-1.0
1.0
µA
Rise time of all output pins, load = 50 pF
50
ns
Version 0.3,
2007-09-05
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com