Electronic Components Datasheet Search
  English  ▼

X  

TAS5352DDVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDVR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5352DDVR Datasheet HTML 1Page - Texas Instruments TAS5352DDVR Datasheet HTML 2Page - Texas Instruments TAS5352DDVR Datasheet HTML 3Page - Texas Instruments TAS5352DDVR Datasheet HTML 4Page - Texas Instruments TAS5352DDVR Datasheet HTML 5Page - Texas Instruments TAS5352DDVR Datasheet HTML 6Page - Texas Instruments TAS5352DDVR Datasheet HTML 7Page - Texas Instruments TAS5352DDVR Datasheet HTML 8Page - Texas Instruments TAS5352DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TAS5352
SLES204 – SEPTEMBER 2007
over operating free-air temperature range unless otherwise noted
(1)
TAS5352
VDD to AGND
–0.3 V to 13.2 V
GVDD_X to AGND
–0.3 V to 13.2 V
PVDD_X to GND_X (2)
–0.3 V to 53 V
OUT_X to GND_X (2)
–0.3 V to 53 V
BST_X to GND_X (2)
–0.3 V to 66.2 V
BST_X to GVDD_X (2)
–0.3 V to 53 V
VREG to AGND
–0.3 V to 4.2 V
GND_X to GND
–0.3 V to 0.3 V
GND_X to AGND
–0.3 V to 0.3 V
GND to AGND
–0.3 V to 0.3 V
PWM_X, OC_ADJ, M1, M2, M3 to AGND
–0.3 V to 4.2 V
RESET_X, SD, OTW to AGND
–0.3 V to 7 V
Maximum continuous sink current (SD, OTW)
9 mA
Maximum operating junction temperature range, TJ
0
°C to 125°C
Storage temperature
–40
°C to 125°C
Lead temperature, 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Minimum pulse duration, low
30 ns
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represent the dc voltage + peak ac waveform measured at the terminal of the device in all conditions.
ORDERING INFORMATION
TA
PACKAGE
DESCRIPTION
0
°C to 70°C
TAS5352DDV
44-pin HTSSOP
For the most current specification and package information, see the TI Web site at www.ti.com.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com