Electronic Components Datasheet Search
  English  ▼

X  

TAS5352DDVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5352DDVR Datasheet HTML 6Page - Texas Instruments TAS5352DDVR Datasheet HTML 7Page - Texas Instruments TAS5352DDVR Datasheet HTML 8Page - Texas Instruments TAS5352DDVR Datasheet HTML 9Page - Texas Instruments TAS5352DDVR Datasheet HTML 10Page - Texas Instruments TAS5352DDVR Datasheet HTML 11Page - Texas Instruments TAS5352DDVR Datasheet HTML 12Page - Texas Instruments TAS5352DDVR Datasheet HTML 13Page - Texas Instruments TAS5352DDVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS5352
SLES204 – SEPTEMBER 2007
PVDD_x = 34.5 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
TAS5352
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Internal Voltage Regulator and Current Consumption
Voltage regulator, only used as a
VREG
VDD = 12 V
3
3.3
3.6
V
reference node
Operating, 50% duty cycle
7.2
17
IVDD
VDD supply current
mA
Idle, reset mode
5.5
11
50% duty cycle
8
16
IGVDD_X
Gate supply current per half-bridge
mA
Reset mode
1
1.8
50% duty cycle, without output filter or load
13.6
25
mA
IPVDD_X
Half-bridge idle current
Reset mode, no switching
7
25
μA
Output Stage MOSFETs
Drain-to-source resistance, Low
RDSon,LS
TJ = 25°C, excludes metallization resistance,
80
89
m
Ω
Side
Drain-to-source resistance, High
RDSon,HS
TJ = 25°C, excludes metallization resistance,
80
89
m
Ω
Side
I/O Protection
Undervoltage protection limit,
Vuvp,G
9.5
V
GVDD_X
Vuvp,hyst
(1)
Undervoltage protection limit,
250
mV
GVDD_X
BSTuvpF
Puts device into RESET when BST
5.9
V
voltage falls below limit
BSTuvpR
Brings device out of RESET when
7
V
BST voltage rises above limit
OTW(1)
Overtemperature warning
115
125
135
°C
Temperature drop needed below
OTWHYST
(1)
OTW temp. for OTW to be inactive
25
°C
after the OTW event
OTE(1)
Overtemperature error threshold
145
155
165
°C
OTE-
OTE - OTW differential, temperature
30
°C
OTWdifferential
(1)
delta between OTW and OTE
OLPC
Overload protection counter
fS = 384 kHz
1.25
ms
Resistor—programmable, high-end,
IOC
Overcurrent limit protection
10.9
A
ROC = 22 kΩ with 1 mS pulse
IOCT
Overcurrent response time
150
ns
tACTIVITY
Time for PWM activity detector to
Lack of transistion of any PWM input
13.2
μS
DETECTOR
activite when no PWM is present
Connected when RESET is active to provide
Output pulldown current of each
IPD
bootstrap capacitor charge. Not used in SE
3
mA
half-bridge
mode.
Static Digital Specifications
VIH
High-level input voltage
2
V
PWM_A, PWM_B, PWM_C, PWM_D, M1,
M2, M3, RESET_AB, RESET_CD
VIL
Low-level input voltage
0.8
V
ILeakage
Input leakage current
100
μA
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW to
RINT_PU
20
26
32
k
Ω
VREG, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High-level output voltage
V
External pullup of 4.7 k
Ω to 5 V
4.5
5
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
V
(1)
Specified by design
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com