Electronic Components Datasheet Search
  English  ▼

X  

TAS5352DDVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5352DDVR Datasheet HTML 4Page - Texas Instruments TAS5352DDVR Datasheet HTML 5Page - Texas Instruments TAS5352DDVR Datasheet HTML 6Page - Texas Instruments TAS5352DDVR Datasheet HTML 7Page - Texas Instruments TAS5352DDVR Datasheet HTML 8Page - Texas Instruments TAS5352DDVR Datasheet HTML 9Page - Texas Instruments TAS5352DDVR Datasheet HTML 10Page - Texas Instruments TAS5352DDVR Datasheet HTML 11Page - Texas Instruments TAS5352DDVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
AUDIO SPECIFICATIONS (BTL)
TAS5352
SLES204 – SEPTEMBER 2007
MIN
TYP
MAX
UNIT
PVDD_X
Half-bridge supply voltage
0
34.5
37
V
Supply voltage for logic regulators and
GVDD_X
10.8
12
13.2
V
gate-drive circuitry
VDD
Digital regulator supply voltage
10.8
12
13.2
V
RL (BTL)
3
4
Resistive load impedance (no Cycle-by_Cycle
RL (SE)
current control), recommended demodulation
2.25
3
Ω
filter
RL (PBTL)
1.5
2
LOutput (BTL)
5
10
Minimum output inductance under
LOutput (SE)
Output-filter inductance
5
10
μH
short-circuit condition
LOutput (PBTL)
5
10
fS
PWM frame rate
192
384
432
kHz
tLOW
Minimum low-state pulse duration per PWM
30
nS
Frame, noise shaper enabled
CPVDD
PVDD close decoupling capacitors
0.1
μF
CBST
Bootstrap capacitor, selected value supports
33
nF
PWM frame rates from 192 kHz to 432 kHz
ROC
Over-current programming resistor
Resistor tolerance = 5%
22
22
47
k
Ω
REXT-PULLUP
External pull-up resistor to +3.3V to +5.0V for
3.3
4.7
k
Ω
SD or OTW
TJ
Junction temperature
0
125
°C
Audio performance is recorded as a chipset consisting of a TAS5518 pwm processor (modulation index limited to 97.7%) and
a TAS5352 power stage. PCB and system configuraton are in accordance with recommended guidelines. Audio frequency =
1kHz, PVDD_x = 34.5 V, GVDD_x = 12 V, RL = 4Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C, Output Filter: LDEM = 10 μH, CDEM
= 470 nF, unless otherwise noted.
TAS5352
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 4 Ω, 10% THD+N, clipped input
125
signal
RL = 6 Ω, 10% THD+N, clipped input
POMAX
Maximum Power Output
100
signal
RL = 8 Ω, 10% THD+N, clipped input
76
W
signal
RL = 4 Ω, 0 dBFS, unclipped input
96
signal
RL = 6 Ω, 0 dBFS, unclipped input
PO
Unclipped Power Output
72
signal
RL = 8 Ω, 0 dBFS, unclipped input
57
signal
0 dBFS; AES17 filter
0.2%
THD+N
Total harmonic distortion + noise
1 W; AES17 filter
0.09%
Vn
Output integrated noise
A-weighted, AES17 filter, Auto mute
μV
50
disabled
SNR
Signal-to-noise ratio (1)
A-weighted, AES17 filter, Auto mute
110
dB
disabled
A-weighted, input level = –60 dBFS,
DNR
Dynamic range
110
dB
AES17 filter
DC Offset
Output offset voltage
+/- 15
mV
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, all halfbridges switching
(2)
2
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com