Electronic Components Datasheet Search
  English  ▼

X  

TAS5352DDVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5352DDVR Datasheet HTML 2Page - Texas Instruments TAS5352DDVR Datasheet HTML 3Page - Texas Instruments TAS5352DDVR Datasheet HTML 4Page - Texas Instruments TAS5352DDVR Datasheet HTML 5Page - Texas Instruments TAS5352DDVR Datasheet HTML 6Page - Texas Instruments TAS5352DDVR Datasheet HTML 7Page - Texas Instruments TAS5352DDVR Datasheet HTML 8Page - Texas Instruments TAS5352DDVR Datasheet HTML 9Page - Texas Instruments TAS5352DDVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
TYPICAL SYSTEM BLOCK DIAGRAM
2nd-OrderL-C
OutputFilter
forEach
Half-Bridge
Bootstrap
Capacitors
2-Channel
H-Bridge
BTL Mode
System
Microcontroller
OUT_A
OUT_B
OUT_C
OUT_D
BST_A
BST_B
BST_C
BST_D
RESET_AB
RESET_CD
System
Power
Supply
Hardwire
Mode
Control
PVDD
GVDD(12V)/VDD(12V)
GND
Hardwire
OCLimit
M1
M3
PVDD
Power
Supply
Decoupling
34.5V
12V
GND
VAC
PWM_A
PWM_C
PWM_D
PWM_B
VALID
M2
Left-
Channel
Output
Right-
Channel
Output
Input
H-Bridge1
Input
H-Bridge2
GVDD
VDD
VREG
PowerSupply
Decoupling
4
4
4
Bootstrap
Capacitors
2nd-OrderL-C
OutputFilter
forEach
Half-Bridge
Output
H-Bridge2
Output
H-Bridge1
OTW
SD
TAS5518
B0047-02
I2C
TAS5352
SLES204 – SEPTEMBER 2007
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com