Electronic Components Datasheet Search
  English  ▼

X  

TAS5352DDVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5352DDVR Datasheet HTML 15Page - Texas Instruments TAS5352DDVR Datasheet HTML 16Page - Texas Instruments TAS5352DDVR Datasheet HTML 17Page - Texas Instruments TAS5352DDVR Datasheet HTML 18Page - Texas Instruments TAS5352DDVR Datasheet HTML 19Page - Texas Instruments TAS5352DDVR Datasheet HTML 20Page - Texas Instruments TAS5352DDVR Datasheet HTML 21Page - Texas Instruments TAS5352DDVR Datasheet HTML 22Page - Texas Instruments TAS5352DDVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
THEORY OF OPERATION
POWER SUPPLIES
SYSTEM POWER-UP/POWER-DOWN
Powering Up
Powering Down
TAS5352
SLES204 – SEPTEMBER 2007
Special attention should be paid to the power-stage
power supply; this includes component selection,
PCB placement, and routing. As indicated, each
To facilitate system design, the TAS5352 needs only
half-bridge has independent power-stage supply pins
a 12 V supply in addition to the (typical) 34.5 V
(PVDD_X). For optimal electrical performance, EMI
power-stage supply. An internal voltage regulator
compliance, and system reliability, it is important that
provides suitable voltage levels for the digital and
each PVDD_X pin is decoupled with a 100-nF
low-voltage analog circuitry. Additionally, all circuitry
ceramic capacitor placed as close as possible to
requiring a floating voltage supply, e.g., the high-side
each supply pin. It is recommended to follow the PCB
gate drive, is accommodated by built-in bootstrap
layout
of
the
TAS5352
reference
design.
For
circuitry requiring only an external capacitor for each
additional information on recommended power supply
half-bridge.
and
required
components,
see
the
application
In
order
to
provide
outstanding
electrical
and
diagrams given previously in this data sheet.
acoustical characteristics, the PWM signal path
The 12 V supply should be from a low-noise,
including gate drive and output stage is designed as
low-output-impedance voltage regulator. Likewise, the
identical, independent half-bridges. For this reason,
34.5 V power-stage supply is assumed to have low
each half-bridge has separate gate drive supply
output impedance and low noise. The power-supply
(GVDD_X), bootstrap pins (BST_X), and power-stage
sequence is not critical as facilitated by the internal
supply pins (PVDD_X). Furthermore, an additional pin
power-on-reset circuit. Moreover, the TAS5352 is fully
(VDD) is provided as supply for all common circuits.
protected against erroneous power-stage turnon due
Although supplied from the same 12-V source, it is
to parasitic gate charging. Thus, voltage-supply ramp
highly
recommended
to
separate
GVDD_A,
rates (dV/dt) are non-critical within the specified
GVDD_B, GVDD_C, GVDD_D, and VDD on the
range (see the Recommended Operating Conditions
printed-circuit
board
(PCB)
by
RC
filters
(see
section of this data sheet).
application diagram for details). These RC filters
provide the recommended high-frequency isolation.
Special attention should be paid to placing all
decoupling capacitors as close to their associated
SEQUENCE
pins as possible. In general, inductance between the
power supply pins and decoupling capacitors must be
avoided. (See reference board documentation for
The TAS5352 does not require a power-up sequence.
additional information.)
The outputs of the H-bridges remain in a high-imped-
For a properly functioning bootstrap circuit, a small
ance
state
until
the
gate-drive
supply
voltage
ceramic capacitor must be connected from each
(GVDD_X)
and
VDD
voltage
are
above
the
bootstrap pin (BST_X) to the power-stage output pin
undervoltage protection (UVP) voltage threshold (see
(OUT_X). When the power-stage output is low, the
the Electrical Characteristics section of this data
bootstrap capacitor is charged through an internal
sheet).
Although
not
specifically
required,
it
is
diode connected between the gate-drive power--
recommended to hold RESET_AB and RESET_CD in
supply pin (GVDD_X) and the bootstrap pin. When
a low state while powering up the device. This allows
the
power-stage
output
is
high,
the
bootstrap
an internal circuit to charge the external bootstrap
capacitor
potential
is
shifted
above
the
output
capacitors by enabling a weak pulldown of the
potential and thus provides a suitable voltage supply
half-bridge output.
for the high-side gate driver. In an application with
When the TAS5352 is being used with TI PWM
PWM switching frequencies in the range from 352
modulators
such
as
the
TAS5518,
no
special
kHz to 384 kHz, it is recommended to use 33-nF
attention to the state of RESET_AB and RESET_CD
ceramic capacitors, size 0603 or 0805, for the
is required, provided that the chipset is configured as
bootstrap supply. These 33-nF capacitors ensure
recommended.
sufficient energy storage, even during minimal PWM
duty cycles, to keep the high-side power stage FET
(LDMOS) fully turned on during the remaining part of
the PWM cycle. In an application running at a
The TAS5352 does not require a power-down
reduced switching frequency, generally 192 kHz, the
sequence. The device remains fully operational as
bootstrap capacitor might need to be increased in
long as the gate-drive supply (GVDD_X) voltage and
value.
VDD voltage are above the undervoltage protection
(UVP)
voltage
threshold
(see
the
Electrical
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com