Electronic Components Datasheet Search
  English  ▼

X  

TAS5352DDVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5352DDVR Datasheet HTML 10Page - Texas Instruments TAS5352DDVR Datasheet HTML 11Page - Texas Instruments TAS5352DDVR Datasheet HTML 12Page - Texas Instruments TAS5352DDVR Datasheet HTML 13Page - Texas Instruments TAS5352DDVR Datasheet HTML 14Page - Texas Instruments TAS5352DDVR Datasheet HTML 15Page - Texas Instruments TAS5352DDVR Datasheet HTML 16Page - Texas Instruments TAS5352DDVR Datasheet HTML 17Page - Texas Instruments TAS5352DDVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION
PVDD – SupplyVoltage – V
0
300
20
40
60
80
100
120
140
160
180
200
220
240
260
280
0
34
2
4
6
8
10 12 14 16 18
20 22 24
26
28 30
32
T =75°C
THD+Nat10%
C
4 Ω
2 Ω
8 Ω
8 Ω
4
4 Ω
4
3 Ω
P – OutputPower – W
O
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
400
50m 100m 200m 500m 1
2
5
10
20
50
100 200
8 Ω
4 Ω
2 Ω
3 Ω
T =75°C
THD+Nat10%
C
T – CaseTemperature – °C
C
0
300
20
40
60
80
100
120
140
160
180
200
220
240
260
280
10
120
20
30
40
50
60
70
80
90
100
110
THD+Nat10%
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
3 Ω
8 Ω
8 Ω
8 Ω
4 Ω
8 Ω
8 Ω
8 Ω
2 Ω
TAS5352
SLES204 – SEPTEMBER 2007
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 11.
Figure 12.
SYSTEM OUTPUT POWER
vs
CASE TEMPERATURE
Figure 13.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com