Electronic Components Datasheet Search
  English  ▼

X  

TAS5352DDVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5352DDVR Datasheet HTML 5Page - Texas Instruments TAS5352DDVR Datasheet HTML 6Page - Texas Instruments TAS5352DDVR Datasheet HTML 7Page - Texas Instruments TAS5352DDVR Datasheet HTML 8Page - Texas Instruments TAS5352DDVR Datasheet HTML 9Page - Texas Instruments TAS5352DDVR Datasheet HTML 10Page - Texas Instruments TAS5352DDVR Datasheet HTML 11Page - Texas Instruments TAS5352DDVR Datasheet HTML 12Page - Texas Instruments TAS5352DDVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
AUDIO SPECIFICATIONS (Single-Ended Output)
AUDIO SPECIFICATIONS (PBTL)
TAS5352
SLES204 – SEPTEMBER 2007
Audio performance is recorded as a chipset consisting of a TAS5086 pwm processor (modulation index limited to 97.7%) and
a TAS5352 power stage. PCB and system configuraton are in accordance with recommended guidelines. Audio frequency =
1kHz, PVDD_x = 34.5 V, GVDD_x = 12 V, RL = 4Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C, Output Filter: LDEM = 20 μH, CDEM
= 1.0
μF, unless otherwise noted.
TAS5352
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 3 Ω, 10% THD+N, clipped input
45
signal
POMAX
Maximum Power Output
RL = 4 Ω, 10% THD+N, clipped input
35
signal
W
RL = 3 Ω, 0 dBFS, unclipped input
35
signal
PO
Unclipped Power Output
RL = 4 Ω, 0 dBFS, unclipped input
25
signal
0 dBFS; AES17 filter
0.2%
THD+N
Total harmonic distortion + noise
1 W; AES17 filter
0.09%
Vn
A-weighted, AES17 filter, Auto mute
40
μV
Output integrated noise
disabled
SNR
A-weighted, AES17 filter, Auto mute
109
dB
Signal-to-noise ratio(1)
disabled
A-weighted, input level = –60 dBFS
DNR
Dynamic range
109
dB
AES17 filter
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0 W, all halfbridges switching
(2)
2
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
Audio performance is recorded as a chipset consisting of a TAS5518 pwm processor (modulation index limited to 97.7%) and
a TAS5352 power stage. PCB and system configuraton are in accordance with recommended guidelines. Audio frequency =
1kHz, PVDD_x = 34.5 V, GVDD_x = 12 V, RL = 3Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C, Output Filter: LDEM = 10 μH, CDEM
= 1 uF, unless otherwise noted.
TAS5352
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 3 Ω, 10% THD+N, clipped input
195
signal
POMAX
Maximum Power Output
RL = 2 Ω, 10% THD+N, clipped input
250
signal
W
RL = 3 Ω, 0 dBFS, unclipped input
145
signal
PO
Unclipped Power Output
RL = 2 Ω, 0 dBFS, unclipped input
190
signal
0 dBFS; AES17 filter
0.2%
THD+N
Total harmonic distortion + noise
1 W; AES17 filter
0.09%
Vn
A-weighted, AES17 filter, Auto mute
50
μV
Output integrated noise
disabled
SNR
A-weighted, AES17 filter, Auto mute
110
dB
Signal-to-noise ratio(1)
disabled
A-weighted, input level = –60 dBFS
DNR
Dynamic range
110
dB
AES17 filter
DC Offset
Output offset voltage
+/- 15
mV
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0 W, all halfbridges switching
(2)
2
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com