Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 13Page - Texas Instruments TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
7.3.4 Strain Tolerance
The TMP118 features internal strain tolerance that helps mitigate error resulting from strain developed in the
PicoStar package from various common manufacturing areas, including but not limited to device solder, molding,
under-fill, and board flex.
To demonstrate this capability, multiple TMP118 devices are soldered onto a rigid 62mil thick PCB, and tested
under multiple compression and tensile flexing orientations, with pin 1 located both orthogonal and parallel to
the applied microstrain examined during the test, measured through a strain gauge. The test is performed under
room temperature condition (30°C) VDD of 1.8V, and continuous conversion mode (1Hz conversion interval) with
8x averaging turned on. The resultant temp error under this strain is measured against a known reference,
and are recorded at increasing flex levels of the PCB. Figure 7-6 demonstrates device distribution under these
microstrain conditions. Several non-strain tolerant devices were also subjected to the same test to demonstrate
the difference.
Microstrain (
m/m)
0
300
600
900
1200
1500
-80
-60
-40
-20
0
20
TMP118
TMP118
Non strain tolerant device
Figure 7-6. Temperature Error vs. Strain
7.3.5 NIST Traceability
The TMP118 offers 3Unique ID registers to support NIST traceability. These unique IDs can be used to
provide an audit trail to standards provided by the National Institute of Standards and Technology (NIST), a
US Commerce Department agency.
Reading the Unique ID registers requires a specific procedure to retrieve the content from the memory. The
procedure is as follows:
1. Place the device in Shutdown Mode by setting bit 8 of Register 01h to 1b.
2. Write 0x0000 to desired Unique ID pointer address (0Ch, 0Dh, or 0Eh).
3. Read Unique ID from the same pointer address.
4. Repeat step #2 above for each pointer address as desired.
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com