Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments TMP114 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
7.4.2 One-Shot Mode (OS)
The TMP118 features a one-shot temperature-measurement mode. When the device is in shutdown mode (bit
Shutdown= 1b in the Configuration Register), writing 1b to both the OS and Shutdown bits in the Configuration
Register begins a single temperature conversion, which typically takes 12ms. During the conversion, the OS
bit reads 0b. The device returns to the shutdown state at the completion of the single conversion. After the
conversion, the OS bit reads 1b. To trigger another one-short temperature conversion, write 1b to both the OS
and Shutdown bits again in the Configuration Register. This feature is useful for reducing power consumption in
the device when continuous temperature monitoring is not required.
In Continuous Conversion Mode (bit Shutdown= 0b in the Configuration Register), the OS bit always reads 0b.
Start of
conversion
Ac ve conversion me
(tACT)
Shutdown
I
2C One-Shot
Command
Temp_Result
Updated
Figure 7-8. One-Shot Timing Diagram
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com