Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 25Page - Texas Instruments TMP114 Datasheet HTML 26Page - Texas Instruments TMP114 Datasheet HTML 27Page - Texas Instruments TMP114 Datasheet HTML 28Page - Texas Instruments TMP114 Datasheet HTML 29Page - Texas Instruments TMP114 Datasheet HTML 30Page - Texas Instruments TMP114 Datasheet HTML 31Page - Texas Instruments TMP114 Datasheet HTML 32Page - Texas Instruments TMP114 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
8.7 Unique_ID1 Register (Address = 0Dh) [reset = xxxxh]
This register contains the value of the second Unique ID for the device. The Unique ID of the device is used for
NIST traceability purposes.
Reading the Unique ID registers requires a specific procedure to retrieve the content from the memory. Follow
the produce described in Section 7.3.5.
Return to Register Map.
Table 8-15. Unique_ID1 Register
15
14
13
12
11
10
9
8
Unique_ID1[15:8]
R-xxh
7
6
5
4
3
2
1
0
Unique_ID1[7:0]
R-xxh
Table 8-16. Unique_ID1 Register Field Description
Bit
Field
Type
Reset
Description
15:0
Unique_ID1[15:0]
R
xxxxh
Unique ID register 1 content
8.8 Unique_ID2 Register (Address = 0Eh) [reset = xxxxh]
This register contains the value of the third Unique ID for the device. The Unique ID of the device is used for
NIST traceability purposes.
Reading the Unique ID registers requires a specific procedure to retrieve the content from the memory. Follow
the procedure described in Section 7.3.5.
Return to Section 8.
Table 8-17. Unique_ID2 Register
15
14
13
12
11
10
9
8
Unique_ID2[15:8]
R-xxh
7
6
5
4
3
2
1
0
Unique_ID2[7:0]
R-xxh
Table 8-18. Unique_ID2 Register Field Description
Bit
Field
Type
Reset
Description
15:0
Unique_ID2[15:0]
R
xxxxh
Unique ID register 2 content
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com