Electronic Components Datasheet Search
  English  ▼

X  

LTC3421 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 1 Page - Analog Devices

  LTC3421 Datasheet HTML 1Page - Analog Devices LTC3421 Datasheet HTML 2Page - Analog Devices LTC3421 Datasheet HTML 3Page - Analog Devices LTC3421 Datasheet HTML 4Page - Analog Devices LTC3421 Datasheet HTML 5Page - Analog Devices LTC3421 Datasheet HTML 6Page - Analog Devices LTC3421 Datasheet HTML 7Page - Analog Devices LTC3421 Datasheet HTML 8Page - Analog Devices LTC3421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Data Sheet
LT8349
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Input Voltage Range: 2.5V to 5.5V
Output Voltage Programmable Up to 8V
2-Phase Operation Reduces Required Input and
Output Capacitance and Power Supply Induced
Noise
Synchronous Operation for High Efficiency and
Reduced Heat Dissipation
Stage SheddingTM and Optional Burst Mode®
Operation for High Efficiency at Light Load
Low VIN Pin Quiescent Current:
0.5µA in Shutdown
15µA in Burst Mode Operation
Integrated 8V/6A Synchronous Power Switches
Adjustable and Synchronizable: 300kHz to 4MHz
Burst Mode or Forced Continuous Operation at Light
Load
Accurate 1V Enable Pin Threshold
Small 1.9mm x 2.6mm WLCSP Package
APPLICATIONS
Handheld and Industrial Power Supplies
GENERAL DESCRIPTION
The LT8349 is a 2-phase single output synchronous
boost converter that drives two internal N-Channel
power MOSFET stages out-of-phase. Multiphase
operation reduces input and output capacitor
requirements and allows the use of smaller inductors
than the single-phase equivalent. Synchronous
rectification increases efficiency, reduces power losses,
and eases thermal requirements, enabling high power
boost applications.
The LT8349 features Stage Shedding and selectable
Burst Mode operation at light load conditions allowing
high efficiency over a wide range of load. It features
optional spread spectrum frequency modulation (SSFM)
to minimize EMI emissions.
The LT8349 integrates 8V/6A power switches, operating
at a fixed switching frequency programmable between
300kHz and 4MHz and synchronizable to an external
clock. The LT8349 features output soft-start and output
overvoltage lockout.
All registered trademarks and trademarks are the property of their
respective owners.
TYPICAL APPLICATION
Figure 1. 2.5V to 4.5V Input, 6V Output Boost Converter
Figure 2. Efficiency and Power Loss (Burst Mode)
L1
0.47µH
0.1µF
8.2kΩ
470pF
4.7pF
L1, L2 = Würth 744383360047
54.9kΩ
2MHz
22µF
1MΩ
200kΩ
22µF
0.1µF
L2
0.47µH
VOUT
6V
3A AT 2.5VIN
VOUT
FB
SW1
LT8349
VIN
2.5V TO 4.5V
BST1
EN/UVLO
VIN
ISET
VC
SYNC/MODE
RT
SGND PGND
BST2
SW2
5A AT 4.5VIN
×6
×2
4.7pF
VIN = 2.5V
VIN = 4.5V
LOAD CURRENT (mA)
0.1
1
10
100
1k
5k
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1k
10k


Similar Part No. - LTC3421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421EUF LINER-LTC3421EUF Datasheet
234Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LTC3421

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
logo
ACE Technology Co., LTD...
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
logo
Linear Technology
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
60V Low IQ Synchronous Boost Controller
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
logo
SHANGHAI BELLING CO., L...
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
300W 2-Phase Interleaved Synchronous Buck-Boost Converter
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Lowpower Semiconductor ...
LP6260 POWER-LP6260 Datasheet
276Kb / 6P
Ultra low IQ Synchronous Boost Convertor
LP6261 POWER-LP6261 Datasheet
549Kb / 7P
Ultra low IQ Synchronous Boost Convertor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com