Electronic Components Datasheet Search
  English  ▼

X  

LTC3421 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 5Page - Analog Devices LTC3421 Datasheet HTML 6Page - Analog Devices LTC3421 Datasheet HTML 7Page - Analog Devices LTC3421 Datasheet HTML 8Page - Analog Devices LTC3421 Datasheet HTML 9Page - Analog Devices LTC3421 Datasheet HTML 10Page - Analog Devices LTC3421 Datasheet HTML 11Page - Analog Devices LTC3421 Datasheet HTML 12Page - Analog Devices LTC3421 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
9 of 29
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 4. Efficiency and Power Loss vs Output Current
(Burst Mode) (Reference to Page 26 Circuit)
Figure 5. Efficiency and Power Loss vs Output Current (FCM
Mode) (Reference to Page 26 Circuit)
Figure 6. Output Voltage vs Output Current (Burst Mode)
(Reference to Page 26 Circuit)
Figure 7. Output Voltage vs Output Current (FCM Mode)
(Reference to Page 26 Circuit)
Figure 8. FB Regulation Voltage vs Temperature
Figure 9. EN/UVLO Thresholds vs Temperature
VIN = 2.5V
VIN = 4.5V
LOAD CURRENT (mA)
0.1
1
10
100
1k
5k
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1k
10k
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.4
1.6
1.8
1.0
2.0
1.2
VIN = 2.5V
VIN = 4.5V
LOAD CURRENT (mA)
0.1
1
10
100
1k
5k
5.850
5.875
5.900
5.925
5.950
5.975
6.000
6.025
6.050
6.075
6.100
VIN = 2.5V
VIN = 4.5V
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.850
5.875
5.900
5.925
5.950
5.975
6.000
6.025
6.050
6.075
6.100
VIN = 2.5V
VIN = 4.5V
TEMPERATURE (C°)
–50
–25
0
25
50
75
100
125
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
EN/UVLO RISING
EN/UVLO FALLING
TEMPERATURE (C°)
–50
–25
0
25
50
75
100
125
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com