Electronic Components Datasheet Search
  English  ▼

X  

LTC3421 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 10Page - Analog Devices LTC3421 Datasheet HTML 11Page - Analog Devices LTC3421 Datasheet HTML 12Page - Analog Devices LTC3421 Datasheet HTML 13Page - Analog Devices LTC3421 Datasheet HTML 14Page - Analog Devices LTC3421 Datasheet HTML 15Page - Analog Devices LTC3421 Datasheet HTML 16Page - Analog Devices LTC3421 Datasheet HTML 17Page - Analog Devices LTC3421 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
14 of 29
Figure 23. Comparison of Output Ripple Current with Single Phase and Dual Phase Boost Converter in a 3A Load Application
Operating at 50% Duty Cycle
DUAL
PHASE
SINGLE PHASE
TIME (ns)
0
250
500
750
0
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com