Electronic Components Datasheet Search
  English  ▼

X  

LTC3421 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 14Page - Analog Devices LTC3421 Datasheet HTML 15Page - Analog Devices LTC3421 Datasheet HTML 16Page - Analog Devices LTC3421 Datasheet HTML 17Page - Analog Devices LTC3421 Datasheet HTML 18Page - Analog Devices LTC3421 Datasheet HTML 19Page - Analog Devices LTC3421 Datasheet HTML 20Page - Analog Devices LTC3421 Datasheet HTML 21Page - Analog Devices LTC3421 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
18 of 29
1.0
127
2.9
33.2
1.1
113
3.0
30.9
1.2
102
3.1
29.4
1.3
93.1
3.2
28.0
1.4
84.5
3.3
26.7
1.5
78.7
3.4
25.5
1.6
73.2
3.5
24.3
1.7
68.1
3.6
23.2
1.8
61.9
3.7
22.1
1.9
59.0
3.8
21.0
2.0
54.9
3.9
20.0
2.1
51.1
4.0
18.7
The operating frequency of the LT8349 can be synchronized to an external clock source with 100ns minimum pulse
width. Figure 26 shows the external clock threshold (typ) required at the SYNC pin for synchronization.
Figure 26. Sync/Mode Pin Logic Level (typ) vs Input Voltage
By providing a digital clock signal to the SYNC/MODE pin, the IC operates at the half of the SYNC clock frequency and
automatically enters FCM operation at light load. While in FCM the oscillator operates continuously, and the falling
SW1 and SW2 transitions are aligned to the rising edges of the clock alternatively (180° out-of-phase), with a delay
time of 80ns (typical). Figure 27 shows the synchronization between the SYNC/MODE pin input clock and the SW1
and SW2 transitions. If this feature is used, an RT resistor should be chosen to program switching frequency as close
as possible to the SYNC pulse frequency.
Figure 27. The synchronization between the SYNC/MODE pin input clock and the SW1 and SW2 transitions
SYNC LOGIC HIGH
SYNC LOGIC LOW
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
tDELAY
tDELAY
SYNC
INPUT
SW1
SW2
tDELAY
tDELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com