Electronic Components Datasheet Search
  English  ▼

X  

LTC3421 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 13Page - Analog Devices LTC3421 Datasheet HTML 14Page - Analog Devices LTC3421 Datasheet HTML 15Page - Analog Devices LTC3421 Datasheet HTML 16Page - Analog Devices LTC3421 Datasheet HTML 17Page - Analog Devices LTC3421 Datasheet HTML 18Page - Analog Devices LTC3421 Datasheet HTML 19Page - Analog Devices LTC3421 Datasheet HTML 20Page - Analog Devices LTC3421 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
17 of 29
In order to achieve higher light load efficiency, more energy should be delivered to the output during the single pulses
in Burst Mode operation such that the LT8349 can stay in sleep mode longer between each pulse. This can be
achieved by selecting a higher IBURST current by the ISET pin (Pin Functions section). The light load efficiency can be
further increased by using larger value inductors. The tradeoff is that while more energy is delivered to the output by
the single pulses, the output voltage ripple will be larger at light load. However, the output voltage ripple can be
reduced proportionally by increasing the output capacitance. When adjusting inductor and/or output capacitor
values, a careful evaluation of system stability should be made to ensure adequate design margin. Larger inductors
and/or output capacitors also increase cost and solution sizes.
Figure 24c shows the IL1 and IL2 currents when Forced Continuous operation (FCM) is selected by SYNC/MODE pin. As
shown in Figure 24c, at light load the IL2 is kept to 0A and the IL1 is allowed to go negative so that the regulator can
switch at the programmed frequency all the way down to zero output current. This has the advantage of maintaining
the programmed switching frequency across the entire load range so that the switch harmonics and EMI are
consistent and predictable. The disadvantage of FCM is that the light load efficiency will be lower compared to Burst
Mode operation
.
Switching Frequency and Synchronization
The choice of switching frequency is a trade-off between efficiency and component size. Low frequency operation
improves efficiency by reducing the power switches’ switching losses and gate drive current. However, lower
frequency operation requires a physically larger inductor. The LT8349 uses a constant-frequency architecture that
can be programmed over a 300kHz to 4MHz range with a single external resistor from the RT pin to ground, as shown
in Block Diagram. A table for selecting the value of RT for a given switching frequency is shown in Table 4. Figure 25
shows the RT Value vs Switching Frequency curve.
Figure 25. RTValue vs Switching Frequency
Table 4. SW Frequency (fSW) vs RT Value
fSW (MHz)
RT (kΩ)
fSW(MHz)
RT (kΩ)
0.3
464
2.2
48.7
0.4
348
2.3
45.2
0.5
274
2.4
43.2
0.6
221
2.5
40.2
0.7
187
2.6
38.3
0.8
162
2.7
36.5
0.9
143
2.8
34.8
SWITCHING FREQUENCY (MHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
100
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com