Electronic Components Datasheet Search
  English  ▼

X  

LTC3421 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 18Page - Analog Devices LTC3421 Datasheet HTML 19Page - Analog Devices LTC3421 Datasheet HTML 20Page - Analog Devices LTC3421 Datasheet HTML 21Page - Analog Devices LTC3421 Datasheet HTML 22Page - Analog Devices LTC3421 Datasheet HTML 23Page - Analog Devices LTC3421 Datasheet HTML 24Page - Analog Devices LTC3421 Datasheet HTML 25Page - Analog Devices LTC3421 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
22 of 29
Output Capacitor Selection
The output capacitor has two essential functions. First, it filters the LT8349’s discontinuous top switch current to
produce the DC output. In this role, it determines the output ripple, thus low impedance at the switching frequency
is important. The second function is to store energy in order to satisfy transient loads and stabilize the IC’s control
loop. The X5R or X7R type ceramic capacitors have very low equivalent series resistance (ESR), which provides low
output ripple and good transient response. Transient performance can be improved with higher output capacitance
and the addition of a feedforward capacitor placed between VOUT and FB. When a feedforward capacitor is used or
output capacitance is adjusted, a careful evaluation of system stability should be made to ensure adequate design
margin. Increasing the output capacitance will also decrease the output voltage ripple. Lower value of output
capacitance can be used to save space and cost, but transient performance will suffer, and may result in loop instabil-
ity.
If there is significant inductance to the load due to long wires or cables, additional bulk capacitance may be
necessary. This can be provided with an electrolytic capacitor When choosing a capacitor, special attention should
be given to capacitor's data sheet to calculate the effective capacitance under the relevant operating conditions of
voltage bias and temperature
Frequency Compensation
The LT8349 has a VC pin which can be used to optimize the loop compensation. Designing the compensation network
is a bit complicated and the best values depend on the application and in particular the type of output capacitor. A
practical approach is to start with one of the circuits in the data sheet that is similar to your application and tune the
compensation network to optimize the performance. LTspice® simulations can help in this process. Stability should
then be checked across all operating conditions, including load current, input voltage, and temperature.
Figure 31 shows a simplified circuit for the LT8349 control loop. The error amplifier is a transconductance amplifier
(gm) generating output current IVC proportional to the voltage at FB pin. The two power sections, each consisting of a
power stage and an inductor, is modeled as a transconductance amplifier (gm1 or gm2) generating output current
(IOUT1 or IOUT2) proportional to the voltage at the VC pin. Note that the output capacitor COUT integrates IOUT1 and IOUT2,
and that the capacitor on the VC pin (CC) integrates the error amplifier output current IVC, resulting in two poles in the
loop. A zero is required and comes from a resistor RC in series with CC. This simple model works well as long as the
value of the inductor is not too high, and the loop crossover frequency is much lower than the switching frequency.
A small capacitor CC2 can be added to filter the switching noise that is coupled on the VC pin. A phase lead capacitor
C1 across R1 in the feedback divider can be used to improve the transient response and is required to cancel the
parasitic pole caused by the feedback node to ground capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com