Electronic Components Datasheet Search
  English  ▼

X  

LTC3421 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 8Page - Analog Devices LTC3421 Datasheet HTML 9Page - Analog Devices LTC3421 Datasheet HTML 10Page - Analog Devices LTC3421 Datasheet HTML 11Page - Analog Devices LTC3421 Datasheet HTML 12Page - Analog Devices LTC3421 Datasheet HTML 13Page - Analog Devices LTC3421 Datasheet HTML 14Page - Analog Devices LTC3421 Datasheet HTML 15Page - Analog Devices LTC3421 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
12 of 29
BLOCK DIAGRAM
Figure 22. Block Diagram
L2
CBST1
L1
M4
M2
M3
M1
COUT
R1
C1
R2
RT
CBST2
R3
R4
C6
RC
CC
CC2
VIN
FB
VOUT
BST2
SW2
SW1
BST1
SWITCHING LOGIC
AND GATE DRIVERS
BST1
BST2
ISEN4
ISEN2
TG2
ISEN4
SW2
ISEN2
FB
ITRIP2
RAMP
GENERATOR
RAMP
GENERATOR
OSCILLATOR
RT
CLK1 AT 0°
CLK2 AT 180°
ITRIP1
ICOMP2
ICOMP1
SYNC
DETECTION
SYNC/MODE
SSFM
SYNC/MODE
FCM
Mode
Burst
Burst Mode
CONTROL
UV
1V REF
TSD
EN/UVLO
EN/UVLO
SHDN
SGND
BURST
ILIM
1V
SS
Burst
Mode
VC
VC
VOUT
9V
OV
SLEEP
SS
VOV
CLK2
CLK1
FCM
PGND
VIN
VOUT
ISET
FB
VC
Burst
Mode
TG1
BG2
BG1
VIN
SW1
IL1
IL2
ISEN1
ISEN3
RAMP1
RAMP2
EA
×1.5
SHED
SHED
CONTROL
SHEDDING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com