Electronic Components Datasheet Search
  English  ▼

X  

LM3101 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3101 Datasheet HTML 1Page - National Semiconductor (TI) LM3101 Datasheet HTML 2Page - National Semiconductor (TI) LM3101 Datasheet HTML 3Page - National Semiconductor (TI) LM3101 Datasheet HTML 4Page - National Semiconductor (TI) LM3101 Datasheet HTML 5Page - National Semiconductor (TI) LM3101 Datasheet HTML 6Page - National Semiconductor (TI) LM3101 Datasheet HTML 7Page - National Semiconductor (TI) LM3101 Datasheet HTML 8Page - National Semiconductor (TI) LM3101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics
For FO e 500 kHz RT e 25 kX
For FO e 1 MHz RT e 125 kX
Supply Current
vs Supply Voltage
Supply Current
Oscillator Frequency
vs Supply Voltage
Oscillator Frequency
Oscillator Frequency
Short Circuit
Reference Voltage
Power On Reset Delay
Trigger Pulse Width
Minimum Over-Voltage
Undervoltage Lockout
Soft-Start Current
Limit Voltage
Current Mode Input
Ramp Slope
Compensation Current
TLH11436 – 3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com