Electronic Components Datasheet Search
  English  ▼

X  

LM3101 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3101 Datasheet HTML 4Page - National Semiconductor (TI) LM3101 Datasheet HTML 5Page - National Semiconductor (TI) LM3101 Datasheet HTML 6Page - National Semiconductor (TI) LM3101 Datasheet HTML 7Page - National Semiconductor (TI) LM3101 Datasheet HTML 8Page - National Semiconductor (TI) LM3101 Datasheet HTML 9Page - National Semiconductor (TI) LM3101 Datasheet HTML 10Page - National Semiconductor (TI) LM3101 Datasheet HTML 11Page - National Semiconductor (TI) LM3101 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Functional Description
OscillatorSynchronization Section
The operating frequency is set by a single resistor connect-
ed from the RT pin (pin 1) to ground according to the equa-
tion
FO e 025(RT  20 pF)
kHz X
Inserting a 25 kX for RT sets the oscillator frequency at
500 kHz
The oscillator is capable of synchronizing to an external
source To synchronize the oscillator an external source is
connected to the SYNC pin (pin 4) via a differentiator (see
Figure 1 ) The external source delivers a pulse train to the
differentiator which converts this signal into an AC-coupled
signal The negative-edge of this signal applied to the
SYNC pin will control the oscillator and thus set the operat-
ing frequency The recommended values for RSYNC and
CSYNC are as follows
RSYNC e 1kX (typical)
and
CSYNC  RSYNC l 1(8  FSYNC)
F X kHz
To synchronize to a 600 kHz external source and using a
RSYNC of1kX the CSYNC must be
CSYNC l 1(8  RSYNC  FSYNC) e 1(8  1kX  600 kHz)
e
208 pF
220 pF
The oscillator frequency should range from 67% to 90% of
the synchronization frequency In the above example the
oscillator frequency can be between 400 kHz and 540 kHz
TLH11436 – 6
FIGURE 1 Simplified Version of the
Synchronization Circuit
TLH11436 – 7
FIGURE 2 Simplified Version of the Short
Circuit Frequency Shift Circuit
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com