Electronic Components Datasheet Search
  English  ▼

X  

LM3101 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3101 Datasheet HTML 10Page - National Semiconductor (TI) LM3101 Datasheet HTML 11Page - National Semiconductor (TI) LM3101 Datasheet HTML 12Page - National Semiconductor (TI) LM3101 Datasheet HTML 13Page - National Semiconductor (TI) LM3101 Datasheet HTML 14Page - National Semiconductor (TI) LM3101 Datasheet HTML 15Page - National Semiconductor (TI) LM3101 Datasheet HTML 16Page - National Semiconductor (TI) LM3101 Datasheet HTML 17Page - National Semiconductor (TI) LM3101 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Typical Applications (Continued)
The duty cycle will reach the RDL limit for several cycles
letting energy build up in the transformersee the drain cur-
rent waveform in
Figure 9 When the residual energy builds
up enough the duty cycle starts to decrease because it is
now determined by the CLIM circuit A voltage of 038V or
greater at this pin will toggle a pulse-by-pulse comparator
on every cycle (see the LM3001 block diagram) In the ap-
plication circuit a 0167X resistor will generate the current
limit threshold voltage when a 228A (peak) current flows
through it With the CLIM circuit in control of the duty cycle
the duty cycle will decrease with each successive cycle
The duty cycle will continue to shrink until the pulse feed-
back from the LM3101 takes control
As the LM3001 switches the Power MOSFET on and off
the Power Transformer starts delivering power to the sec-
ondary side of the circuit This action will cause the supply
voltage of the LM3101 and the output voltage to gradually
rise When the supply voltage reaches the Undervoltage
Lockout Threshold (of 39V) the LM3101 starts supplying a
pulse train to the differentiator circuit on pin 8 The resulting
PWM signals are fed back to the LM3001 via the pulse
transformer The first pulse signal to the LM3001 will cause
it to disconnect its internal oscillator from its PWM and Out-
put Driver circuits and trigger the Output Driver from the
pulse feedback signals (of the LM3101) At this point con-
trol of the frequency and the duty cycle changes from the
LM3001 to the LM3101
The LM3101 also exercises Soft-Start capability (pin 3) An
RC network connected to this pin allows the LM3101 to
gradually increase the duty cycle to its nominal value (in the
example the secondary Soft-Start time delay is 500 ms ap-
proximately)
The method of Soft-Start used by the LM3101 ensures that
the error amplifier is in its linear region before the output
voltage reaches its nominal value thus yielding a smooth
start-up of the output without any overshoot (see
Figure 10 )
(Representative not to scale)
TLH11436 – 15
FIGURE 9 Start-Up Timing Sequence
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com