Electronic Components Datasheet Search
  English  ▼

X  

LM3101 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3101 Datasheet HTML 1Page - National Semiconductor (TI) LM3101 Datasheet HTML 2Page - National Semiconductor (TI) LM3101 Datasheet HTML 3Page - National Semiconductor (TI) LM3101 Datasheet HTML 4Page - National Semiconductor (TI) LM3101 Datasheet HTML 5Page - National Semiconductor (TI) LM3101 Datasheet HTML 6Page - National Semiconductor (TI) LM3101 Datasheet HTML 7Page - National Semiconductor (TI) LM3101 Datasheet HTML 8Page - National Semiconductor (TI) LM3101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH11436
January 1995
LM3101 Secondary-Side PWM Controller
General Description
The LM3101 is a precision high-speed PWM controller It is
designed to provide secondary-side feedback for offline
Switch-Mode Power Supplies (SMPS) using pulse communi-
cation to the primary-side driver The LM3101 is applicable
in all of the popular converter topologies such as flyback or
forward
The LM3101 combined with its companion LM3001 Primary-
Side Driver forms a regulator chip-set that provides preci-
sion control of offline or other isolated DCDC converters
The communication is realized between the two chips by a
small pulse transformer with one or two turns on its primary
and secondary This type of communication does not intro-
duce any poles or zeroes in the control loop and yields the
fastest possible loop response for the isolated switching
regulator
The secondary-side controller contains a precision 1242V
reference an error amplifier and a trimmed oscillator which
is programmed with a single resistor The LM3101 can real-
ize voltage current or charge mode control Power supply
monitor features include power-on reset with programmable
delay and overvoltage protection
Features
Y
g
2% precision voltage reference
Y
Wide-bandwidth (8 MHz) error amplifier
Y
External synchronization
Y
Frequency shift during an output short circuit
Y
Power-on reset flag with programmable delay
Y
Overvoltage crowbar trigger circuit
Y
Ramped reference Soft-Start
Y
Operation beyond 1 MHz
Y
Voltage current or charge mode control
Typical Applications
Y
Isolated offline switching power supplies
Y
Isolated DCDC power converters
Y
Flyback regulator
Y
Forward converter
Block Diagram
TLH11436 – 1
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LM3101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
Secondary-Side Voltage Positioning Controller
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com