Electronic Components Datasheet Search
  English  ▼

X  

LM3101 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3101 Datasheet HTML 5Page - National Semiconductor (TI) LM3101 Datasheet HTML 6Page - National Semiconductor (TI) LM3101 Datasheet HTML 7Page - National Semiconductor (TI) LM3101 Datasheet HTML 8Page - National Semiconductor (TI) LM3101 Datasheet HTML 9Page - National Semiconductor (TI) LM3101 Datasheet HTML 10Page - National Semiconductor (TI) LM3101 Datasheet HTML 11Page - National Semiconductor (TI) LM3101 Datasheet HTML 12Page - National Semiconductor (TI) LM3101 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Functional Description (Continued)
Frequency-Shift Circuit
The LM3101 has the ability to gradually reduce its operating
frequency during an output short circuit The amount that
the frequency shifts and the output voltage threshold deter-
mining where the frequency starts to shift are both pro-
grammed by two external resistors RSC1 and RSC2 con-
nected to the pin RSC (pin 5)
A simplified internal schematic of the Frequency Shift Circuit
is shown in
Figure 2 The oscillator operates at its nominal
frequency as long as the voltage at the emitter of the tran-
sistor Q2 is higher than the internal reference voltage VREF
Q2 emitter voltage is the output voltage VOUT scaled down
by the resistor divider
VRSC e VQ2E e VOUT  RSC2 (RSC1 a RSC2)
V X
where VQ2 l VREF (124V) for normal operation
If VOUT drops due to an overload a current starts to flow
through Q2 A cascoded current mirror causes one-tenth of
this current to be subtracted from the timing capacitor
charge current Reducing the timing capacitor charge cur-
rent results in decreasing the oscillator frequency The
breakpoint where the frequency-shift starts is programmed
by the ratio of the two resistors
VOUT(SC) e 124V  1 a (RSC1 RSC2)
V X
The typical short circuit frequency is set by the following
equations
FSC e IOSC b 01  ((124V b VOUT(SC))RSC1) a
(124VRSC2)
1(20 pF
 124V)
kHz mA V X
where
IOSC e 025  (124VRT)
For example say 140 kX and 100 kX were selected for
RSC1 and RSC2 respectively with RT set to 25 kX Then
the output voltage level where the frequency starts to decay
is
VOUT(CL) e 124V  1 a (140 kX 100 kX) j 30V
and the short circuit frequency is (IOSC e 124 mA and as-
suming VOUT is 0V during a short circuit)
FSC e 124 mA b 01  (124V140 kX) a (124V100
kX)
1(20 pF
 124V) e 4143 kHz j 415 kHz
If RSC2 is omitted the frequency starts to shift when VOUT
drops below VREF The short circuit frequency equation
then becomes
FSC e (120 pF)  (0267RT) b (009RSC1)
kHz X
v
RSC1 e 009 (0267RT) b (FSC  20 pF)
X
kHz
Selecting a short-circuit frequency that is greater than one-
third the operating frequency or 188 kHz leads to a resistor
value of
RSC1 e 009 (026725 kX) b (188 kHz  20 pF) e 13 kX
Mode Control
The LM3101 can operate in voltage mode current mode or
charge mode control Two multi-function pins are involved in
setting the operating mode the Mode Control pin (MC - pin
2) and the Current Mode Input pin (CMI - pin 6)
Figure 3
shows the simplified schematic diagram of the mode control
circuit To operate with voltage mode control the MC pin is
pulled high with a resistor (typically 3 kX) and the CMI pin is
connected to ground The mode comparator senses the MC
pin voltage and sets the mode control multiplexer to voltage
mode control Notice that there is a 56V zener diode clamp-
ing the MC pin voltage
TLH11436 – 8
FIGURE 3 Simplified Version
of the Mode Control Circuit
TLH11436 – 9
FIGURE 4 Current Mode Sense Circuit
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com