Electronic Components Datasheet Search
  English  ▼

X  

LM3101 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3101 Datasheet HTML 12Page - National Semiconductor (TI) LM3101 Datasheet HTML 13Page - National Semiconductor (TI) LM3101 Datasheet HTML 14Page - National Semiconductor (TI) LM3101 Datasheet HTML 15Page - National Semiconductor (TI) LM3101 Datasheet HTML 16Page - National Semiconductor (TI) LM3101 Datasheet HTML 17Page - National Semiconductor (TI) LM3101 Datasheet HTML 18Page - National Semiconductor (TI) LM3101 Datasheet HTML 19Page - National Semiconductor (TI) LM3101 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Hints
Pulse Feedback Section
During steady-state operation the LM3101 delivers pulse-
width modulated signals to the feedback circuit The feed-
back circuit will convert that signal into a series of AC-cou-
pled pulse signals and apply them to the LM3001 via the
pulse transformer (the first positive-edged pulse from the
LM3101 will cause the LM3001 to disconnect its internal
oscillator from its PWM and Output Driver circuits) The
feedback pulses will trigger the LM3001 Output Driver to
apply PWM drive signals to the Power MOSFET gate The
timing diagram in
Figure 12 demonstrates the feedback
communication
Pulse Interface Circuit
The pulse interface circuit provides isolation for the feed-
back circuit of the Offline Flyback Regulator The differentia-
tor circuit converts the PWM waveform into a pulse train
The differentiator delivers a train of 1VPK 15 ns wide pulses
to the pulse transformer The core should have high perme-
ability (typically 10000) at the switching frequency to allow
the transfer of energy with a very small transformer (size)
This one-to-one transformer transfers the pulse train to the
LM3001 via a 200X resistor which is used mainly to filter
noise from the system
TLH11436 – 18
FIGURE 12 Pulse Feedback Timing Diagram
TLH11436 – 19
FIGURE 13 Pulse Interface Circuit
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com