Electronic Components Datasheet Search
  English  ▼

X  

TAS3204 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3204
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3204 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS3204 Datasheet HTML 23Page - Texas Instruments TAS3204 Datasheet HTML 24Page - Texas Instruments TAS3204 Datasheet HTML 25Page - Texas Instruments TAS3204 Datasheet HTML 26Page - Texas Instruments TAS3204 Datasheet HTML 27Page - Texas Instruments TAS3204 Datasheet HTML 28Page - Texas Instruments TAS3204 Datasheet HTML 29Page - Texas Instruments TAS3204 Datasheet HTML 30Page - Texas Instruments TAS3204 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
www.ti.com
6.3.1
Multiple-Byte Write
D7
D0 ACK
Stop
Condition
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
LastDataByte
A6
A5
A1
A0 R/W ACK A7
A5
A1
A0
ACK D7
ACK
Start
Condition
Acknowledge
Acknowledge
Acknowledge
FirstDataByte
A4
A3
A6
OtherDataBytes
ACK
Acknowledge
D0
D7
D0
T0036-02
6.3.2
Multiple-Byte Read
A6
A0
ACK
Acknowledge
I CDevice Addressand
Read/WriteBit
2
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I CDevice Addressand
Read/WriteBit
2
Subaddress
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0036-04
6.4 I2C Master-Mode Device Initialization
TAS3204
AUDIO DSP
WITH ANALOG INTERFACE
SLES197 – APRIL 2007
If the master device issues more data-received acknowledges than required to receive the data for a given
subaddress, the master device simply receives complete or partial sets of data, depending on how many
data-received acknowledges are issued from the subaddress(es) that follow. I2C read transactions, both
sequential and random, can impose wait states.
Multiple data bytes are transmitted by the master device to slave as shown in Figure 6-4. After receiving
each data byte, the TAS3204 responds with an acknowledge bit.
Figure 6-4. Multiple-Byte Write Transfer
Multiple data bytes are transmitted by the TAS3204 to the master device as shown in Figure 6-5. Except
for the last data byte, the master device responds with an acknowledge bit after receiving each data byte.
Figure 6-5. Multiple-Byte Read Transfer
I2C master-mode operation is enabled following a reset or power-on reset. Master-mode I2C transactions
do not start until the I2C bus is idle.
The TAS3204 uses the master mode to download from EEPROM the memory contents for the
microprocessor program memory, microprocessor extended memory, audio DSP core program memory,
audio DSP core coefficient memory, and audio DSP core data memory.
The TAS3204, when operating as an I2C master, can execute a complete download of any internal
memory or any section of any internal memory without requiring any wait states.
When the TAS3204 operates as an I2C master, the TAS3204 generates a repeated start without an
intervening stop command while downloading program and memory data from EEPROM. When a
repeated start is sent to the EEPROM in read mode, the EEPROM enters a sequential read mode to
transfer large blocks of data quickly.
The TAS3204 queries the bus for an I2C EEPROM at address 1010xxx. The value xxx can be chip select,
other information, or don’t cares, depending on the EEPROM selected.
Submit Documentation Feedback
Microprocessor Controller
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com