Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Production Data
WM8805
w
PD Rev 4.1 September 07
35
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
SPDGPO
0
RX4-7 Configuration Select
When set high the pin is a GPO pin.
0 – S/PDIF inputs
1 – GPO outputs
6
WL_MASK
0
S/PDIF Receiver Word Length Truncation Mask
0 = disabled, data word is truncated as described in
Table 44.
1 = enabled, data word is not truncated.
R29
SPDRX1
1Ch
7
SPD_192K_EN
1
S/PDIF Receiver 192kHz Support Enable
0 = disabled, S/PDIF receiver maximum supported
sampling frequency is 96kHz
1 = enabled, S/PDIF receiver maximum supported
sampling frequency is 192kHz
R30
PWRDN
1Eh
1
SPDIFRXPD
1
S/PDIF Receiver Powerdown
0 = S/PDIF receiver enabled
1 = S/PDIF receiver disabled
R8
PLL6
08h
2:0
RXINSEL[2:0]
000
S/PDIF Rx Input Select
Select the S/PDIF input to pass to the receiver
circuit.
000 – RX0
001 – RX1
010 – RX2
011 – RX3
100 – RX4
101 – RX5
110 – RX6
111 – RX7
R9
SPDMODE
09h
7:0
SPDIFINMODE
11111111
S/PDIF Input Mode Select
Selects the input circuit type for the receiver input.
The LSB represents RX0 and the MSB represents
RX7
0 = CMOS input
1 = Comparator input. Compatible with 500mVppAC
coupled consumer S/PDIF input signals. Refer to
S/PDIF specification (IEC 60958-3) for full details.
Table 39 S/PDIF Receiver Input Selection Registers
AUDIO DATA HANDLING
The S/PDIF receiver recovers the data and VUCP bits from each sub-frame. The WM8805 can
detect when the data is not in PCM format. See Non-Audio Detection section for more detail.
The received data can also be output over the audio interfaces in any of the data formats supported,
or data may also be re-transmitted on TX0, de-jittering the data stream.
USER DATA
The WM8805 can output recovered user data via the GPO pins. See Table 52 for General Purpose
Pin control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com