Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
WM8805
Production Data
w
PD Rev 4.1 September 07
28
The specified f2 frequencies that must be configured using the PLL_N and PLL_K register values for
reception of specific S/PDIF sample rates are as follows:
•
Mode 1 (176.4/192kHz sample rate): f2 = 98.304MHz
•
Modes 2/3/4 (32/44.1/48/88.2/96kHz Sample Rates): f2 = 94.3104MHz
The FREQMODE[1:0] bits are automatically controlled by the S/PDIF receiver when the receiver is
enabled and do not need to be configured in any particular initial state by the user before the S/PDIF
receiver is enabled.
Refer to Table 23 and Table 28 for details of MCLKDIV and CLKOUTDIV configuration when the
S/PDIF receiver is enabled.
The PLL register settings are configured by default to allow 32/44.1/48/88.2/96kHz (modes 2/3/4)
sample rate S/PDIF receiver operation using a 12MHz crystal clock. The PLL register settings must
be updated if:
•
Any crystal clock frequency other than 12MHz is used.
OR
•
A S/PDIF stream with 192kHz sample rate (mode 1) is detected.
In either case, reprogramming of the PLL_N and PLL_K values (and the PRESCALE value,
depending on the crystal frequency) is necessary.
Refer to Table 31 for details of a number of recommended PLL configurations. Many other
configurations are possible; please refer to PLL Configuration section for details regarding how to
calculate alternative settings.
OSC
CLK
(MHz)
PRE-
SCALE
S/PDIF RECEIVER
SAMPLE RATE(S) (kHz)
F1
(MHz)
F2
(MHz)
R
PLL_N
(Hex)
PLL_K
(Hex)
COMMENT
11.2896
0
32 / 44.1 / 48 / 88.2 / 96
11.2896 94.3104 8.3537
8
16A3B3
Set N, K
11.2896
0
192
11.2896
98.304 8.7075
8
2D4766
Set N, K
12
0
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Default Setting
12
0
192
12
98.304
8.192
8
C49BA
Set N, K
12.288
0
32 / 44.1 / 48 / 88.2 / 96
12.288
94.3104 7.675
7
2B3333
Set K
12.288
0
192
12.288
98.304
8
8
0
Set N, K
19.2
1
32 / 44.1 / 48 / 88.2 / 96
9.6
94.3104 9.824
9
346C6A
Set Prescale, N, K
19.2
1
192
9.6
98.304
10.24
A
F5C28
Set Prescale, N, K
24
1
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Set Prescale
24
1
192
12
98.304
8.192
8
C49BA
Set Prescale, N, K
27
1
32 / 44.1 / 48 / 88.2 / 96
13.5
94.3104 6.986
6
3F19E5
Set Prescale, N, K
27
1
192
13.5
98.304 7.2818
7
1208A5
Set Prescale, K
Table 31 S/PDIF Receive Mode PLL Initial Configuration Examples
The recommended configuration sequences are as follows:
TO INITIALLY CONFIGURE THE SYSTEM FOR S/PDIF RECEIVER STARTUP:
1.
Write appropriate calculated values (relative to oscillator frequency) to PRESCALE,
PLL_N and PLL_K registers for 32/44.1/48/88.2/96kHz (modes 2/3/4) S/PDIF
receiver sample rate operation.
2.
Enable PLL by clearing PLLPD bit.
3.
Enable S/PDIF receiver by clearing SPDIFRXPD bit.
4.
Read S/PDIF Status Register REC_FREQ[1:0] bits to identify recovered S/PDIF
sample frequency and clocking mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com