Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Production Data
WM8805
w
PD Rev 4.1 September 07
55
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
MODE[1:0]
10
PLL Post-scale Divider Select
Selects the PLL output divider value in
conjunction with MCLKDIV and CLKOUTDIV.
Refer to Table 23 for details of FREQMODE
operation.
Note: FREQMODE[1:0] bits are
automatically set in S/PDIF Receive Mode.
2
FRACEN
1
Integer/Fractional PLL Mode Select
0 = Integer PLL (PLL_N value used, PLL_K
value ignored)
1 = Fractional PLL (both PLL_N and PLL_K
values used)
Note: FRACEN must be set to enable the
fractional PLL when using S/PDIF Receive
Mode.
3
MCLKDIV
0
MCLK Divider Select
(Only valid when CLK2 is selected as MCLK
output source)
See Table 23 for MCLKDIV configuration in
PLL user mode.
See Table 28 for MCLKDIV configuration in
PLL S/PDIF receive mode.
R7
PLL5
07h
5:4
CLKOUTDIV[1:0]
01
CLKOUT Divider Select
(Only valid when CLK1 is selected as CLKOUT
output source)
See Table 27 for CLKOUTDIV[1:0]
configuration in PLL user mode.
See Table 28 for CLKOUTDIV[1:0]
configuration in PLL S/PDIF receive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com