Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
WM8805
Production Data
w
PD Rev 4.1 September 07
20
DIGITAL ROUTING CONTROL
Figure 15 Digital Routing Paths within the WM8805
Digital signal routing within the WM8805 is controlled by two registers, RXINSEL and TXSRC.
RXINSEL selects the S/PDIF input which is passed through the clock and data recovery circuit to the
S/PDIF receiver and TXSRC selects the data source that is passed to the S/PDIF transmitter.
In order to ensure proper operation when changing TXSRC, the S/PDIF transmitter module should be
powered down prior to changing the TXSRC control register and powered up again once the routing
path has been changed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
PLL6
08h
2:0
RXINSEL[2:0]
000
S/PDIF Rx Input Select
Select the S/PDIF input to pass to the receiver circuit.
000 – RX0
001 – RX1
010 – RX2
011 – RX3
100 – RX4
101 – RX5
110 – RX6
111 – RX7
R30
PWRDN
1Eh
2
SPDIFTXPD
1
S/PDIF Transmitter Powerdown
0 = S/PDIF transmitter enabled
1 = S/PDIF transmitter disabled
R21
SPDTX4
15h
6
TXSRC
1
S/PDIF Transmitter Data Source
0 = S/PDIF Received Data – SPDIFTXCLK Source =
CLK2
1 = Digital Audio Interface Received Data –
SPDIFTXCLK Source = MCLK Input/Output Signal at
MCLK Pin
Table 18 Digital Signal Routing Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com