Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
WM8805
Production Data
w
PD Rev 4.1 September 07
42
Where the INT_N has been asserted by an update signal (UPD_NON_AUDIO, UPD_CPY_N,
UPD_REC_FREQ, UPD_UNLOCK or UPD_DEEMPH) the S/PDIF Status Register (SPDSTAT) can
be interrogated to establish the updated value of the flag.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AUDIO_N
-
Audio Status Flag
Recovered channel status bit-1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
1
PCM_N
-
Non-PCM Flag
Indicates that non-audio code (defined in IEC-61937) has
been detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not audio PCM.
2
CPY_N
-
Non-Copyright Flag
Recovered Channel Status bit-2.
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
3
DEEMPH
-
De-emphasis Flag
Recovered Channel Status bit-3.
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
5:4
REC_FREQ
[1:0]
--
Recovered Frequency Flag
Indicates recovered S/PDIF clock frequency:
00 = 192kHz
01 = 96kHz or 88.2kHz
10 = 48kHz or 44.1kHz
11 = 32kHz
R12
SPDSTAT
0Ch
(read-only)
6
UNLOCK
-
Unlock Flag
Indicates that the S/PDIF Rx clock recovery circuit is
unlocked.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked onto the incoming S/PDIF stream.
Table 49 S/PDIF Status Register
The interrupt and update signals used to generate INT_N can be masked at the users discretion. The
MASK register bit (Table 50) prevents flags from asserting INT_N and from updating the Interrupt
Status Register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
INTMASK
0Ah
7:0
MASK[7:0]
00000000
Interrupt Mask Enable
When a flag is masked, it does not update the Error Register
or cause an INT_N interrupt to be asserted.
0 = unmask, 1 = mask.
MASK[0] = mask control for UPD_UNLOCK
MASK[1] = mask control for INT_INVALID
MASK[2] = mask control for INT_CSUD
MASK[3] = mask control for INT_TRANS_ERR
MASK[4] = mask control for UPD_NON_AUDIO
MASK[5] = mask control for UPD_CPY_N
MASK[6] = mask control for UPD_DEEMPH
MASK[7] = mask control for UPD_REC_FREQ
Table 50 Interrupt Mask Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com