Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
WM8805
Production Data
w
PD Rev 4.1 September 07
32
PARITY BIT
This bit maintains even parity for data as a means of basic error detection. It is generated by the
transmitter.
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
CON/PRO
0
0
Use Of Channel Status Block
0 = Consumer Mode
1 = Professional Mode (not supported by
WM8805).
1
AUDIO_N
1
0
Linear PCM Identification.
0 = S/PDIF transmitted data is audio PCM.
1 = S/PDIF transmitted data is not audio
PCM.
2
CPY_N
2
0
Copyright Information
0 = Transmitted data has copyright asserted.
1 = Transmitted data has no copyright
assertion.
5:3
DEEMPH[2:0]
5:3
000
Additional Format Information
000 = Data from Audio interface has no pre-
emphasis.
001 = Data from Audio interface has pre-
emphasis.
All other modes are reserved and should not
be used.
R18
SPDTX1
12h
7:6
CHSTMODE
[1:0]
7:6
00
Channel Status Mode
00 = Only valid mode for consumer
applications.
Table 34 S/PDIF Transmitter Channel Status Bit Control Register 1
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
R19
SPDTX2
13h
7:0
CATCODE
[7:0]
15:8
00000000
Category Code
Refer to S/PDIF specification (IEC 60958-3)
for full details.
0x00h indicates “general” mode.
Table 35 S/PDIF Transmitter Channel Status Bit Control Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com