Electronic Components Datasheet Search
  English  ▼

X  

WM8805 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
WM8805
Production Data
w
PD Rev 4.1 September 07
30
HARDWARE MODE INTERNAL CLOCKING
In hardware mode, the user has no access to the internal clocking control registers and hence a
default configuration is loaded at reset to provide maximum functionality.
An overview of the hardware mode clocking scheme is shown in Figure 17.
Figure 17 Hardware Mode Clocking Scheme Overview
The S/PDIF receiver is enabled and hence the PLL operates in S/PDIF receiver mode and all PLL
and S/PDIF receiver control is fully automatic. All supported S/PDIF receiver sample rates can be
used.
The clock source for the S/PDIF transmitter is selected by TXSRC, which is latched from the
CSB/GPO2 pin at reset. The clock source for the MCLK pin is selected by the AIF_MS bit which is
latched from the SCLK pin at reset.
FREQMODE control is fully automatic to ensure that the MCLK output is maintained at 256fs relative
to the S/PDIF received sample rate.
In hardware mode, the OSCCLK must be 12MHz and hence the external crystal (or applied XIN
clock) must be 12MHz. No other OSCCLK frequencies are supported in hardware mode.
Please refer to the Software Mode Internal Clocking section for detailed descriptions of the
component blocks used in hardware mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com