Electronic Components Datasheet Search
  English  ▼

X  

HV256 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV256
Description  32-Channel High Voltage Amplifi er Array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV256 Datasheet HTML 3Page - Supertex, Inc HV256 Datasheet HTML 4Page - Supertex, Inc HV256 Datasheet HTML 5Page - Supertex, Inc HV256 Datasheet HTML 6Page - Supertex, Inc HV256 Datasheet HTML 7Page - Supertex, Inc HV256 Datasheet HTML 8Page - Supertex, Inc HV256 Datasheet HTML 9Page - Supertex, Inc HV256 Datasheet HTML 10Page - Supertex, Inc HV256 Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
HV256
Pin #
Function
Description
33, 100
V
PP
High voltage positive supply. There are two pads.
99
B
YP-VPP
A low voltage 1.0 to 10nF decoupling decoupling capacitor across V
PP and BYP-VPP is required.
42, 45,
87, 91
V
DD
Analog low voltage positive supply. There are four pads.
93
B
YP-VDD
A low voltage 1.0 to 10nF decoupling decoupling capacitor across V
DD and BYP-VDD is required.
40, 44,
88, 94
V
NN
Analog low voltage negative supply. There are four pads.
92
B
YP-VNN
A low voltage 1.0 to 10nF decoupling decoupling capacitor across V
NN and BYP-VNN is required.
39, 43,
86, 89
GND
Digital ground. There are four pads.
98
R
SOURCE
External resistor from R
SOURCE to VNN sets output current sourcing limit. Current limit is
approximately 12.5V divided by R
SOURCE resistor value.
97
R
SINK
External resistor from R
SINK to VNN sets output current sinking limit. Current limit is approximately
12.5V divided by R
SINK resistor value.
95
Anode
Anode side of of a low voltage silicon diode that can be used to monitor die temperature.
96
Cathode
Cathode side of of a low voltage silicon diode that can be used to monitor die temperature.
48-79
V
IN0 to
V
IN31
Amplifier inputs.
1-32
HV
OUT0 to
HV
OUT31
Amplifier outputs.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com