Electronic Components Datasheet Search
  English  ▼

X  

HV256 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV256
Description  32-Channel High Voltage Amplifi er Array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256 Datasheet(HTML) 5 Page - Supertex, Inc

  HV256 Datasheet HTML 1Page - Supertex, Inc HV256 Datasheet HTML 2Page - Supertex, Inc HV256 Datasheet HTML 3Page - Supertex, Inc HV256 Datasheet HTML 4Page - Supertex, Inc HV256 Datasheet HTML 5Page - Supertex, Inc HV256 Datasheet HTML 6Page - Supertex, Inc HV256 Datasheet HTML 7Page - Supertex, Inc HV256 Datasheet HTML 8Page - Supertex, Inc HV256 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
HV256
R
SINK / RSOURCE
The V
DD_BYP ,VDD_BYP ,and VNN_BYP pins are internal. high impedance
current. mirror gate nodes, brought out to mantain stable opamp
biasing currents in noisy power supply environments. 0.1uF/25V
bypass capacitors, added from V
PP_BYP pin to VPP , from VDD_BYP pin
to V
DD , and from VNN_BYP to VNN,will force the high impedance gate
nodes to follow fluctuation of power lines. The expected voltages
at the V
DD_BYP, and VNN_BYP pins
are typically 1.5 volts from their
respectful power supply. The expected voltage at V
PP_BYP is typically
3V below V
PP.
BYP _VPP
HVOpamp
VDD
VPP
BYP _VNN
VNN
Set by RSOURCE
Set by RSINK
HVOUT0
BYP _VPP Cap
BYP _VNN Cap
Current limit
Current limit
BYP _VDD
BYP _VDD Cap
To internal biasing
0.1uF / 25V
0.1uF / 25V
0.1uF / 25V
HVOpamp
HVOUT31
Typical Characteristics
ISINK vs RSINK
(VPP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25OC)
RSINK (KΩ)
0
100
200
300
400
500
600
25k
150k
250k
min
max
min
max
ISOURCE vs RSOURCE
(VPP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25OC)
RSOURCE (KΩ)
0
100
200
300
400
500
600
25k
150k
250k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com