Electronic Components Datasheet Search
  English  ▼

X  

HV256 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV256
Description  32-Channel High Voltage Amplifi er Array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256 Datasheet(HTML) 3 Page - Supertex, Inc

  HV256 Datasheet HTML 1Page - Supertex, Inc HV256 Datasheet HTML 2Page - Supertex, Inc HV256 Datasheet HTML 3Page - Supertex, Inc HV256 Datasheet HTML 4Page - Supertex, Inc HV256 Datasheet HTML 5Page - Supertex, Inc HV256 Datasheet HTML 6Page - Supertex, Inc HV256 Datasheet HTML 7Page - Supertex, Inc HV256 Datasheet HTML 8Page - Supertex, Inc HV256 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
HV256
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Temperature Diode
PIV
Peak inverse voltage
-
-
5.0
V
cathode to anode
V
F
Forward diode drop
-
0.6
-
V
I
F = 100µA, anode to cathode at TA = 25°C
I
F
Forward diode current
-
-
100
µA
anode to cathode
T
C
V
F temperature coefficient
-
-2.2
-
mV/°C
anode to cathode
HV256 Block Diagram
HVOUT0
HVOUT31
HVOUT1
GND
VPP
VNN
R
71R
VDD
VPP
VIN0
VPP
Output Current Source
Limiting for all HVOUT
RSOURCE
R
R
RSINK
Output Current Sink
Limiting for all HVOUT
71R
71R
Anode
Cathode
To internal VPP bus
BYP-VPP
BYP-VDD
BYP-VNN
To internal VNN bus
To internal VDD bus
VIN1
VIN31
VDD
VDD
VNN
VNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com