Electronic Components Datasheet Search
  English  ▼

X  

HV256 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV256
Description  32-Channel High Voltage Amplifi er Array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256 Datasheet(HTML) 1 Page - Supertex, Inc

  HV256 Datasheet HTML 1Page - Supertex, Inc HV256 Datasheet HTML 2Page - Supertex, Inc HV256 Datasheet HTML 3Page - Supertex, Inc HV256 Datasheet HTML 4Page - Supertex, Inc HV256 Datasheet HTML 5Page - Supertex, Inc HV256 Datasheet HTML 6Page - Supertex, Inc HV256 Datasheet HTML 7Page - Supertex, Inc HV256 Datasheet HTML 8Page - Supertex, Inc HV256 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HV256
Features
32 independent high voltage amplifiers
300V operating voltage
295V output voltage
2.2V/µs typical output slew rate
Adjustable output current source limit
Adjustable output current sink limit
Internal closed loop gain of 72V/V
12MΩ feedback impedance
Layout ideal for die applications
Applications
MEMS (microelectromechanical systems) driver
Piezoelectric transducer driver
Optical crosspoint switches
(using MEMS technology)
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex HV256 is a 32-channel high voltage amplifier
array integrated circuit. It operates on a single high voltage
supply, up to 300V, and two low voltage supplies, V
DD and
V
NN.
The input voltage range is from 0V to 4.096V. The internal
closed loop gain is 72V/V, giving an output voltage of 295V
when 4.096V is applied. Input voltages of up to 5V can be
applied, but will cause the output to saturate. The maximum
output voltage swing is 5V below the V
PP high voltage supply.
The outputs can drive capacitive loads of up to 3000pF.
The maximum output source and sink current can be adjusted
by using two external resistors. An external R
SOURCE resistor
controls the maximum sourcing current and an external R
SINK
resistor controls the maximum sinking current. The current
limit is approximately 12.5V divided by the external resistor
value. The setting is common for all 32 outputs. A low voltage
silicon junction diode is made available to help monitor the die
temperature.
Typical Application Circuit
32-Channel High Voltage
Amplifier Array
VIN0
HVOUT0
Supertex
HV256
AGND
HVOUT1
MEMS
Array
y
y
x
x
HVOUT2
HVOUT3
HVOUT30
HVOUT31
VNN
VDD
VPP
VIN1
VIN2
VIN3
VIN31
VIN30
Micro
Processor
DAC
DAC
DAC
DAC
DAC
DAC
High Voltage
Op-Amp
Array


Similar Part No. - HV256

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV256 SUTEX-HV256 Datasheet
365Kb / 7P
32-Channel High Voltage Amplifier Array
HV256DB1 SUTEX-HV256DB1 Datasheet
111Kb / 2P
High Voltage Amplifier Array
HV256FG SUTEX-HV256FG Datasheet
365Kb / 7P
32-Channel High Voltage Amplifier Array
HV256FG-G SUTEX-HV256FG-G Datasheet
1Mb / 13P
32-Channel High Voltage Amplifier Array
HV256X SUTEX-HV256X Datasheet
365Kb / 7P
32-Channel High Voltage Amplifier Array
More results

Similar Description - HV256

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
32-Channel High Voltage Sample and Hold Amplifi er Array
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
API Technologies Corp
BXMF1020 APITECH-BXMF1020 Datasheet
37Kb / 1P
Switched Multi-Channel Amplifi er
BXMF1019 APITECH-BXMF1019 Datasheet
46Kb / 1P
Switched Multi-Channel Amplifi er
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
RF Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
0.5Watt High Linearity Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
0.5Watt High Linearity Amplifi er
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
High Power Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com