Electronic Components Datasheet Search
  English  ▼

X  

HV256 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV256
Description  32-Channel High Voltage Amplifi er Array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256 Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV256 Datasheet HTML 2Page - Supertex, Inc HV256 Datasheet HTML 3Page - Supertex, Inc HV256 Datasheet HTML 4Page - Supertex, Inc HV256 Datasheet HTML 5Page - Supertex, Inc HV256 Datasheet HTML 6Page - Supertex, Inc HV256 Datasheet HTML 7Page - Supertex, Inc HV256 Datasheet HTML 8Page - Supertex, Inc HV256 Datasheet HTML 9Page - Supertex, Inc HV256 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
HV256
Typical Characteristics (cont.)
Frequency (Hz)
0
-10
-20
-30
-40
-50
10
100
1k
10k
100k
1M
VPP PSSR vs Frequency
(VPP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25OC)
Frequency (Hz)
0
-10
-20
-30
-40
-50
10
100
1k
10
100
1M
VDD PSSR vs Frequency
(VPP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25OC)
Frequency
0
-10
-20
-30
-40
-50
10
100
1k
10k
100k
1M
VNN PSSR vs Frequency
(VPP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25OC)
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
1.5
2.0
2.5
3.0
3.5
1
2
3
V
IN ( Volts)
Offset at -10
OC
Offset at 25
OC
Offset at 85
OC
Input Offset vs VIN and Temperature
(VPP = 300V, VDD = 6.5V, VNN = 5.5V )
73.96
1
2
3
VIN (Volts)
Gain vs V
IN
(VPP = 300V, VDD = 6.5V, VNN = 5.5V, TA = -10O, +25O, +85OC )
73.95
73.94
73.93
73.97
72.74
72.73
72.72
72.71
72.70
72.69
300
400
500
600
700
1μA
20μA
40μA
60μA
80μA
100μA
Diode Biasing Current (µA)
Temperature Diode vs Temperature
(VPP = 300V, VDD = 6.5V, VNN = 5.5V)
-10OC
85OC
25OC
min
max
min
max
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com